Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8352 Datasheet(PDF) 140 Page - Wolfson Microelectronics plc

Part # WM8352
Description  Wolfson AudioPlus™ Stereo CODEC with Power Management
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8352 Datasheet(HTML) 140 Page - Wolfson Microelectronics plc

Back Button WM8352 Datasheet HTML 136Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 137Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 138Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 139Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 140Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 141Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 142Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 143Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 144Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 336 page
background image
WM8352
Production Data
w
PD, February 2011, Rev 4.4
140
14.8 DC-DC CONVERTER OPERATION
14.8.1
OVERVIEW
The WM8352 provides six DC-DC switching converters. Four of these are Buck (Step-down)
converters and two are Boost (Step-up) converters. The principal characteristics and typical usage
for each DC-DC converter are shown below.
DC-DC 1 / 6
DC-DC 2 / 5
DC-DC 3 / 4
Typical Application
Other system
components
Constant-current
LED drivers or I/O
supply
Digital supply for
WM8352 and
other components
Converter Type
Step-down
Step-up,
using external
NFET
Step-down
Input Voltage Range
2.7V to 5.5V
Output Voltage Range
0.85V to 3.4V
5V to 20V
0.85V to 3.4V
Load Current Rating
Up to 1A
(may be limited
by application)
170mA @ 5V
40mA @ 20V
Up to 500mA
(may be limited by
application)
Switching Frequency
2.0MHz
1.0MHz
2.0MHz
Table 90 DC-DC Converter Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com