Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8352GEB/V Datasheet(PDF) 16 Page - Wolfson Microelectronics plc

Part # WM8352GEB/V
Description  Wolfson AudioPlus™ Stereo CODEC with Power Management
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8352GEB/V Datasheet(HTML) 16 Page - Wolfson Microelectronics plc

Back Button WM8352GEB/V Datasheet HTML 12Page - Wolfson Microelectronics plc WM8352GEB/V Datasheet HTML 13Page - Wolfson Microelectronics plc WM8352GEB/V Datasheet HTML 14Page - Wolfson Microelectronics plc WM8352GEB/V Datasheet HTML 15Page - Wolfson Microelectronics plc WM8352GEB/V Datasheet HTML 16Page - Wolfson Microelectronics plc WM8352GEB/V Datasheet HTML 17Page - Wolfson Microelectronics plc WM8352GEB/V Datasheet HTML 18Page - Wolfson Microelectronics plc WM8352GEB/V Datasheet HTML 19Page - Wolfson Microelectronics plc WM8352GEB/V Datasheet HTML 20Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 336 page
background image
WM8352
Production Data
w
PD, February 2011, Rev 4.4
16
7
ELECTRICAL CHARACTERISTICS
7.1
HI-FI AUDIO CODEC
Test Conditions
DCVDD = 1.8V, AVDD = HPVDD = 3.3V, TA = +25
oC, 1kHz signal, fs = 48kHz, 24-bit audio data unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Microphone Preamp Inputs (IN1LP, IN1LN, IN1RP, IN1RN)
Full-scale Input Signal Level
(0dB) – note this changes with
AVDD
VINFS
1
0
V rms
dBV
Mic preamp equivalent input
noise
At
35.25dB
gain
150
μV
Input resistance
RMICIN
Gain set to 35.25dB
2.3
k
Ω
Input resistance
RMICIN
Gain set to 0dB
64
k
Ω
Input resistance
RMICIN
Gain set to -12dB
101
k
Ω
Input Capacitance
CMICIN
2
pF
Recommended decoupling cap
CDECOUP
0.33
μF
MIC Programmable Gain Amplifier (PGA)
Programmable Gain
-12
35.25
dB
Programmable Gain Step Size
Monotonic
0.75
dB
Mute Attenuation
-90
dB
Selectable Input Gain Boost (0/+20dB)
Gain Boost
0
20
dB
Auxiliary Analogue Inputs (IN3L, IN3R)
Full-scale Input Signal Level
(0dB) – note this changes with
AVDD
VINFS
1.0
0
V rms
dBV
PGA gain range to summer
-12
+6
dB
PGA step size to summer
3
dB
Input Resistance
RAUXIN
32
k
Ω
Input Capacitance
CAUXIN
10
pF
Analogue to Digital Converter (ADC)
Signal to Noise Ratio (Note 1, 2)
A-weighted, 0dB gain
86
95
dB
Total Harmonic Distortion
(Note 4)
-2dBV Input
-75
-83
dB
Digital to Analogue Converter (DAC) to Line-Out (OUT1L, OUT1R with 10k
Ω / 50pF load)
Full-scale output
PGA gains set to 0dB
HPVDD/3.3
V rms
Signal to Noise Ratio (Note 1, 2)
SNR
A-weighted
90
95
dB
Total Harmonic Distortion
(Note 3)
THD+N
RL = 10k
Ω
full-scale signal
-75
-81
dB
Channel Separation (Note 4)
1kHz signal
89
dB
Output Mixers
PGA gain range into mixer
-15
0
+6
dB
PGA gain step into mixer
3
dB
Analogue Output PGAs (OUT1L, OUT1R, OUT2L, OUT2R)
Programmable Gain range
-57
0
+6
dB
Programmable Gain step size
Monotonic
1
dB
Mute attenuation
1KHz, full scale
signal
78
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com