Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8352GEB/V Datasheet(PDF) 28 Page - Wolfson Microelectronics plc

Part # WM8352GEB/V
Description  Wolfson AudioPlus™ Stereo CODEC with Power Management
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8352GEB/V Datasheet(HTML) 28 Page - Wolfson Microelectronics plc

Back Button WM8352GEB/V Datasheet HTML 24Page - Wolfson Microelectronics plc WM8352GEB/V Datasheet HTML 25Page - Wolfson Microelectronics plc WM8352GEB/V Datasheet HTML 26Page - Wolfson Microelectronics plc WM8352GEB/V Datasheet HTML 27Page - Wolfson Microelectronics plc WM8352GEB/V Datasheet HTML 28Page - Wolfson Microelectronics plc WM8352GEB/V Datasheet HTML 29Page - Wolfson Microelectronics plc WM8352GEB/V Datasheet HTML 30Page - Wolfson Microelectronics plc WM8352GEB/V Datasheet HTML 31Page - Wolfson Microelectronics plc WM8352GEB/V Datasheet HTML 32Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 336 page
background image
WM8352
Production Data
w
PD, February 2011, Rev 4.4
28
9.2
DC-DC CONVERTERS
9.2.1
POWER EFFICIENCY
EFFICIENCY vs LOAD
DCDC1
0
10
20
30
40
50
60
70
80
90
100
0.001
0.01
0.1
1
LOAD (A)
VOUT = 1.8V
VIN = 3.0V
VIN = 3.7V
VIN = 4.2V
STANDBY
ACTIVE
VIN = 3.0V
VIN = 3.7V
VIN = 4.2V
EFFICIENCY vs LOAD
DCDC1
0
10
20
30
40
50
60
70
80
90
100
0.001
0.01
0.1
1
LOAD (A)
VOUT = 1.2V
VIN = 3.0V
VIN = 3.7V
VIN = 4.2V
STANDBY
ACTIVE
VIN = 3.0V
VIN = 3.7V
VIN = 4.2V
Figure 1 DC-DC1 Efficiency Vs Load Current Vo=1.8V
Figure 2 DC-DC1 Efficiency Vs Load Current Vo=1.2V
EFFICIENCY vs LOAD
DCDC3
0
10
20
30
40
50
60
70
80
90
100
0.001
0.01
0.1
1
LOAD (A)
VOUT = 1.8V
VIN = 3.0V
VIN = 3.7V
VIN = 4.2V
STANDBY
ACTIVE
VIN = 3.0V
VIN = 3.7V
VIN = 4.2V
EFFICIENCY vs LOAD
DCDC2
0
10
20
30
40
50
60
70
80
90
100
0.001
0.01
0.1
LOAD (A)
VOUT = 20.0V
VIN = 3.1V
VIN = 3.7V
VIN = 4.2V
Figure 3 DC-DC3 Efficiency Vs Load Current Vo=1.8V
Figure 4 DC-DC2 Efficiency Vs Load Current Vo=20V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com