Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8352GEB/V Datasheet(PDF) 26 Page - Wolfson Microelectronics plc

Part # WM8352GEB/V
Description  Wolfson AudioPlus™ Stereo CODEC with Power Management
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8352GEB/V Datasheet(HTML) 26 Page - Wolfson Microelectronics plc

Back Button WM8352GEB/V Datasheet HTML 22Page - Wolfson Microelectronics plc WM8352GEB/V Datasheet HTML 23Page - Wolfson Microelectronics plc WM8352GEB/V Datasheet HTML 24Page - Wolfson Microelectronics plc WM8352GEB/V Datasheet HTML 25Page - Wolfson Microelectronics plc WM8352GEB/V Datasheet HTML 26Page - Wolfson Microelectronics plc WM8352GEB/V Datasheet HTML 27Page - Wolfson Microelectronics plc WM8352GEB/V Datasheet HTML 28Page - Wolfson Microelectronics plc WM8352GEB/V Datasheet HTML 29Page - Wolfson Microelectronics plc WM8352GEB/V Datasheet HTML 30Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 336 page
background image
WM8352
Production Data
w
PD, February 2011, Rev 4.4
26
DAC OUT1 Master Mode
Pink Noise
2.5
2.5
1.71
1.71
2.97
2
0.192
2.2
16.52
3.3
3.3
3.3
1.8
4.13
2.6
0.39
2.3
27.64
3.6
5.5
3.6
3.6
4.5
2.9
0.45
5.5
53.57
IDC
(mA)
Power Consumption
(mW)
HPVDD
(V)
IAVDD
(mA)
IHPVDD
(mA)
IDB
(mA)
AVDD
(V)
DBVDD
(V)
DCVDD
(V)
DAC OUT1 Master Mode
1kHz Tone, 16Ω Load
2.5
2.5
1.71
1.71
2.9
2.97
0.19
2.2
18.76
3.3
3.3
3.3
1.8
4.1
3.8
0.4
2.3
31.53
3.6
5.5
3.6
3.6
4.5
4.1
0.44
5.4
59.77
AVDD
(V)
DBVDD
(V)
DCVDD
(V)
HPVDD
(V)
IAVDD
(mA)
IHPVDD
(mA)
IDB
(mA)
IDC
(mA)
Power Consumption
(mW)
1kHz Tone, 10kΩ Load
2.5
2.5
1.71
1.71
2.97
0.3
0.2
2.17
12.23
3.3
3.3
3.3
1.8
4.14
0.43
0.4
2.3
20.54
3.6
3.6
3.6
3.6
4.5
0.5
0.46
5.4
39.10
HPVDD
(V)
AVDD
(V)
DBVDD
(V)
DCVDD
(V)
IDB
(mA)
IDC
(mA)
Power Consumption
(mW)
IAVDD
(mA)
IHPVDD
(mA)
DAC OUT1 Slave Mode
44.1 kHz, 10kΩ Load
2.5
2.5
1.71
1.71
2.8
0.27
0.009
2.1
11.28
3.3
3.3
3.3
1.8
3.6
0.38
0.02
2.3
17.34
3.6
3.6
3.6
3.6
4.1
0.43
0.02
5.2
35.10
AVDD
(V)
DBVDD
(V)
DCVDD
(V)
HPVDD
(V)
IAVDD
(mA)
IHPVDD
(mA)
IDB
(mA)
IDC
(mA)
Power Consumption
(mW)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com