Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8352GEB/V Datasheet(PDF) 29 Page - Wolfson Microelectronics plc

Part # WM8352GEB/V
Description  Wolfson AudioPlus™ Stereo CODEC with Power Management
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8352GEB/V Datasheet(HTML) 29 Page - Wolfson Microelectronics plc

Back Button WM8352GEB/V Datasheet HTML 25Page - Wolfson Microelectronics plc WM8352GEB/V Datasheet HTML 26Page - Wolfson Microelectronics plc WM8352GEB/V Datasheet HTML 27Page - Wolfson Microelectronics plc WM8352GEB/V Datasheet HTML 28Page - Wolfson Microelectronics plc WM8352GEB/V Datasheet HTML 29Page - Wolfson Microelectronics plc WM8352GEB/V Datasheet HTML 30Page - Wolfson Microelectronics plc WM8352GEB/V Datasheet HTML 31Page - Wolfson Microelectronics plc WM8352GEB/V Datasheet HTML 32Page - Wolfson Microelectronics plc WM8352GEB/V Datasheet HTML 33Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 336 page
background image
Production Data
WM8352
w
PD, February 2011, Rev 4.4
29
EFFICIENCY vs LOAD
DCDC2
40
50
60
70
80
90
100
0.001
0.01
0.1
1
LOAD (A)
VOUT = 5.0V
VIN = 3.1V
VIN = 3.7V
VIN = 4.2V
ACTIVE
Figure 5 DC-DC2 Efficiency Vs Load Current Vo=5V
9.2.2
OUTPUT VOLTAGE REGULATION
Figure 6 DC-DC1 Output Voltage Vs Output Current
Figure 7 DC-DC1 Output Voltage Vs Input Voltage
O UT PUT VO LT AG E
vs
INPUT VO LT AG E
1.810
1.815
1.820
1.825
1.830
1.835
2.7
3.2
3.7
4.2
4.7
5.2
VI (V)
Vo= 1.8V
Io = 0.5A
O U T P UT VO LT AG E
vs
L O AD CUR RENT
1.780
1.785
1.790
1.795
1.800
0 .0
0 .1
0 .2
0 .3
0 .4
0 .5
IO (A)
Vo = 1.8V
Vi = 3.7V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com