| Electronic Components Datasheet Search |
|
STM32F205RC Datasheet(PDF) 81 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F205RC Datasheet(HTML) 81 Page - STMicroelectronics |
|
81 / 177 page ![]() STM32F20xxx Electrical characteristics Doc ID 15818 Rev 9 81/177 5.3.8 External clock source characteristics High-speed external user clock generated from an external source The characteristics given in Table 26 result from tests performed using an high-speed external clock source, and under ambient temperature and supply voltage conditions summarized in Table 12. Low-speed external user clock generated from an external source The characteristics given in Table 27 result from tests performed using an low-speed external clock source, and under ambient temperature and supply voltage conditions summarized in Table 12. Table 26. High-speed external user clock characteristics Symbol Parameter Conditions Min Typ Max Unit fHSE_ext External user clock source frequency(1) 1- 26 MHz VHSEH OSC_IN input pin high level voltage 0.7VDD -VDD V VHSEL OSC_IN input pin low level voltage VSS -0.3VDD tw(HSE) tw(HSE) OSC_IN high or low time(1) 1. Guaranteed by design, not tested in production. 5- - ns tr(HSE) tf(HSE) OSC_IN rise or fall time(1) -- 20 Cin(HSE) OSC_IN input capacitance(1) -5 - pF DuCy(HSE) Duty cycle 45 - 55 % IL OSC_IN Input leakage current VSS ≤ VIN ≤ VDD -- ±1 µA Table 27. Low-speed external user clock characteristics Symbol Parameter Conditions Min Typ Max Unit fLSE_ext User External clock source frequency(1) 1. Guaranteed by design, not tested in production. - 32.768 1000 kHz VLSEH OSC32_IN input pin high level voltage 0.7VDD -VDD V VLSEL OSC32_IN input pin low level voltage VSS -0.3VDD tw(LSE) tf(LSE) OSC32_IN high or low time(1) 450 - - ns tr(LSE) tf(LSE) OSC32_IN rise or fall time(1) -- 50 Cin(LSE) OSC32_IN input capacitance(1) -5 - pF DuCy(LSE) Duty cycle 30 - 70 % IL OSC32_IN Input leakage current VSS ≤ VIN ≤ VDD -- ±1 µA |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |