Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F205RC Datasheet(PDF) 96 Page - STMicroelectronics

Part # STM32F205RC
Description  ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F205RC Datasheet(HTML) 96 Page - STMicroelectronics

Back Button STM32F205RC Datasheet HTML 92Page - STMicroelectronics STM32F205RC Datasheet HTML 93Page - STMicroelectronics STM32F205RC Datasheet HTML 94Page - STMicroelectronics STM32F205RC Datasheet HTML 95Page - STMicroelectronics STM32F205RC Datasheet HTML 96Page - STMicroelectronics STM32F205RC Datasheet HTML 97Page - STMicroelectronics STM32F205RC Datasheet HTML 98Page - STMicroelectronics STM32F205RC Datasheet HTML 99Page - STMicroelectronics STM32F205RC Datasheet HTML 100Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 177 page
background image
Electrical characteristics
STM32F20xxx
96/177
Doc ID 15818 Rev 9
5.3.16
I/O port characteristics
General input/output characteristics
Unless otherwise specified, the parameters given in Table 44 are derived from tests
performed under the conditions summarized in Table 12. All I/Os are CMOS and TTL
compliant.
Table 44.
I/O static characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIL
Input low level voltage
TTL ports
2.7 V
≤ VDD ≤ 3.6 V
VSS–0.3
-
0.8
V
VIH
(1)
TT(2) I/O input high level voltage
2.0
-
VDD+0.3
FT(3) I/O input high level voltage
2.0
-
5.5
VIL
Input low level voltage
CMOS ports
1.8 V
≤ VDD ≤ 3.6 V
VSS–0.3
-
0.3VDD
VIH
(1)
TT I/O input high level voltage
0.7VDD
-3.6(4)
FT I/O input high level voltage
-5.2(4)
CMOS ports
2.0 V
≤ VDD ≤ 3.6 V
-5.5(4)
Vhys
I/O Schmitt trigger voltage hysteresis(5)
-200
-
mV
IO FT Schmitt trigger voltage
hysteresis(5)
5% VDD
(4)
-
-
Ilkg
I/O input leakage current (6)
VSS ≤ VIN ≤ VDD
--
±1
µA
I/O FT input leakage current (6)
VIN = 5 V
-
-
3
RPU
Weak pull-up equivalent
resistor(7)
All pins
except for
PA10 and
PB12
VIN = VSS
30
40
50
k
Ω
PA10 and
PB12
811
15
RPD
Weak pull-down
equivalent resistor
All pins
except for
PA10 and
PB12
VIN = VDD
30
40
50
PA10 and
PB12
811
15
CIO
(8)
I/O pin capacitance
5
pF
1.
If VIH maximum value cannot be respected, the injection current must be limited externally to IINJ(PIN) maximum value.
2.
TT = 3.6 V tolerant.
3.
FT = 5 V tolerant.
4.
With a minimum of 100 mV.
5.
Hysteresis voltage between Schmitt trigger switching levels. Based on characterization, not tested in production.
6.
Leakage could be higher than the maximum value, if negative current is injected on adjacent pins.
7.
Pull-up and pull-down resistors are designed with a true resistance in series with a switchable PMOS/NMOS. This
MOS/NMOS contribution to the series resistance is minimum (~10% order)
.
8.
Guaranteed by design, not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com