Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F205RC Datasheet(PDF) 17 Page - STMicroelectronics

Part # STM32F205RC
Description  ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F205RC Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STM32F205RC Datasheet HTML 13Page - STMicroelectronics STM32F205RC Datasheet HTML 14Page - STMicroelectronics STM32F205RC Datasheet HTML 15Page - STMicroelectronics STM32F205RC Datasheet HTML 16Page - STMicroelectronics STM32F205RC Datasheet HTML 17Page - STMicroelectronics STM32F205RC Datasheet HTML 18Page - STMicroelectronics STM32F205RC Datasheet HTML 19Page - STMicroelectronics STM32F205RC Datasheet HTML 20Page - STMicroelectronics STM32F205RC Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 177 page
background image
STM32F20xxx
Description
Doc ID 15818 Rev 9
17/177
2.2
Device overview
Figure 4.
STM32F20x block diagram
1.
The timers connected to APB2 are clocked from TIMxCLK up to 120 MHz, while the timers connected to APB1 are clocked
from TIMxCLK up to 60 MHz.
2.
The camera interface and Ethernet are available only in STM32F207xx devices.
GPIO PORT A
AHB/APB2
EXT IT. WKUP
140 AF
PA[15:0]
GPIO PORT B
PB[15:0]
TIM1 / PWM
4 compl. channels (TIM1_CH[1:4]N)
4 channels (TIM1_CH[1:4]), ETR,
BKIN as AF
TIM8 / PWM
GPIO PORT C
PC[15:0]
USART 1
RX, TX, CK,
CTS, RTS as AF
GPIO PORT D
PD[15:0]
GPIO PORT E
PE[15:0]
GPIO PORT F
PF[15:0]
GPIO PORT G
PG[15:0]
SPI1
MOSI, MISO
SCK, NSS as AF
8 analog inputs common
to the 3 ADCs
8 analog inputs common
to the ADC1 & 2
V
DDREF_ADC
8 analog inputs to ADC3
4 channels, ETR as AF
4 channels, ETR as AF
4 channels, ETR as AF
4 channels
RX, TX, CK,
USART2
RX, TX, CK
USART3
RX, TX as AF
UART4
RX, TX as AF
UART5
MOSI/DOUT, MISO/DIN, SCK/CK
SPI2/I2S2
NSS/WS, MCK as AF
MOSI/DOUT, MISO/DIN, SCK/CK
SPI3/I2S3
NSS/WS, MCK as AF
SCL, SDA, SMBA as AF
I2C1/SMBUS
SCL, SDA, SMBA as AF
I2C2/SMBUS
TX, RX
bxCAN1
TX, RX
bxCAN2
DAC1_OUT
as AF
DAC2_OUT
as AF
ITF
WWDG
4 KB BKSPRAM
RTC_AF1
OSC32_IN
OSC_IN
OSC_OUT
OSC32_OUT
NRST
VDDA, VSSA
VCAP1, VCAP2
USART 6
RX, TX, CK,
CTS, RTS as AF
smcard
irDA
smcard
irDA
smcard
irDA
smcard
irDA
16b
16b
32b
16b
16b
32b
16b
16b
CTS, RTS as AF
CTS, RTS as AF
SDIO / MMC
D[7:0]
CMD, CK as AF
VBAT = 1.65 to 3.6 V
DMA1
AHB/APB1
DMA2
SCL, SDA, SMBA as AF
I2C3/SMBUS
GPIO PORT H
PH[15:0]
GPIO PORT I
PI[11:0]
JTAG & SW
D-BUS
S-BUS
I-BUS
NVIC
ETM
MPU
NJTRST, JTDI,
JTDO/SWD
JTDO/TRACESWO
TRACECLK
TRACED[3:0]
JTCK/SWCLK
Ethernet MAC
DMA/
MII or RMII as AF
MDIO as AF
FIFO
10/100
USB
DMA/
FIFO
OTG HS
DP, DM
ULPI: CK, D(7:0), DIR, STP, NXT
DMA2
8 Streams
FIFO
DMA1
8 Streams
FIFO
SRAM 112 KB
SRAM 16 KB
CLK, NE [3:0], A[23:0]
D[31:0], OEN, WEN,
NBL[3:0], NL, NREG
NWAIT/IORDY, CD
NIORD, IOWR, INT[2:3]
INTN, NIIS16 as AF
SCL, SDA, INTN, ID, VBUS, SOF
Camera
interface
HSYNC, VSYNC
PIXCLK, D[13:0]
USB
OTG FS
DP
DM
AHB1 120 MHz
USART 2MBps
Temperature sensor
ADC1
ADC2
ADC 3
IF
IF
@VDDA
@VDDA
POR/PDR/
Supply
@VDDA
supervision
PVD
Reset
Int
POR
XTAL OSC
4- 26 MHz
XTAL 32 kHz
MANAGT
RTC
RC HS
RC LS
Standby
IWDG
@V
BAT
@VDDA
@VDD
AWU
Reset &
clock
control
PLL1&2
interface
VDD = 1.8 to 3.6 V
VSS
Voltage
regulator
3.3 V to 1.2 V
VDD12
Power managmt
@VDD
RTC_AF1
Backup register
SCL/SDA, INTN, ID, VBUS, SOF
AHB2 120 MHz
2 channels as AF
1 channel as AF
1 channel as AF
TIM14
16b
16b
16b
TIM9
2 channels as AF
TIM10
1 channel as AF
16b
16b
TIM11
1 channel as AF
16b
BOR
DAC1
DAC2
Flash
1 Mbyte
SRAM, PSRAM, NOR Flash,
PC Card (ATA), NAND Flash
External memory
controller (FSMC)
TIM6
TIM7
TIM2
TIM3
TIM4
TIM5
TIM12
TIM13
ai17614c
4 compl. channels (TIM1_CH[1:4]N)
4 channels (TIM1_CH[1:4]), ETR,
BKIN as AF
RNG
ARM Cortex-M3
120 MHz
ART accelerator
AHB3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com