| Electronic Components Datasheet Search |
|
STM32F205RC Datasheet(PDF) 99 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F205RC Datasheet(HTML) 99 Page - STMicroelectronics |
|
99 / 177 page ![]() STM32F20xxx Electrical characteristics Doc ID 15818 Rev 9 99/177 Figure 36. I/O AC characteristics definition 11 Fmax(IO)out Maximum frequency (3) CL = 30 pF, VDD > 2.70 V - - 100(4) MHz CL = 30 pF, VDD > 1.8 V - - 50(4) CL = 10 pF, VDD > 2.70 V - - 200(4) CL = 10 pF, VDD > 1.8 V - - TBD tf(IO)out Output high to low level fall time CL = 20 pF, 2.4 < VDD < 2.7 V - - TBD ns CL = 10 pF, VDD > 2.7 V - - TBD tr(IO)out Output low to high level rise time CL = 20 pF, 2.4 < VDD < 2.7 V - - TBD CL = 10 pF, VDD > 2.7 V - - TBD -tEXTIpw Pulse width of external signals detected by the EXTI controller 10 - - ns 1. The I/O speed is configured using the OSPEEDRy[1:0] bits. Refer to the STM32F20/21xxx reference manual for a description of the GPIOx_SPEEDR GPIO port output speed register. 2. TBD stands for “to be defined”. 3. The maximum frequency is defined in Figure 36. 4. For maximum frequencies above 50 MHz, the compensation cell should be used. Table 46. I/O AC characteristics(1)(2) (continued) OSPEEDRy [1:0] bit value(1) Symbol Parameter Conditions Min Typ Max Unit ai14131 10% 90% 50% tr(IO)out OUTPUT EXT ERNAL ON 50pF Maximum fr equency is achieved if (tr + tf) 2/3)T and if the duty cycle is (45-55%) 10% 50% 90% when loaded by 50pF T tr(IO)out |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |