| Electronic Components Datasheet Search |
|
STM32F205RC Datasheet(PDF) 115 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F205RC Datasheet(HTML) 115 Page - STMicroelectronics |
|
115 / 177 page ![]() STM32F20xxx Electrical characteristics Doc ID 15818 Rev 9 115/177 5.3.20 12-bit ADC characteristics Unless otherwise specified, the parameters given in Table 64 are derived from tests performed under the ambient temperature, fPCLK2 frequency and VDDA supply voltage conditions summarized in Table 12. Table 64. ADC characteristics Symbol Parameter Conditions Min Typ Max Unit VDDA Power supply 1.8(1) -3.6 V VREF+ Positive reference voltage 1.8(1)(2) -VDDA V fADC ADC clock frequency VDDA = 1.8 (1) to 2.4 V 0.6 - 15 MHz VDDA = 2.4 to 3.6 V 0.6 - 30 MHz fTRIG (3) External trigger frequency fADC = 30 MHz with 12-bit resolution - - 1764 kHz -- 17 1/fADC VAIN Conversion voltage range(4) 0 (VSSA or VREF- tied to ground) -VREF+ V RAIN (3) External input impedance See Equation 1 for details -- 50 k Ω RADC (3)(5) Sampling switch resistance 1.5 - 6 k Ω CADC (3) Internal sample and hold capacitor -4 - pF tlat (3) Injection trigger conversion latency fADC = 30 MHz - - 0.100 µs -- 3(6) 1/fADC tlatr (3) Regular trigger conversion latency fADC = 30 MHz - - 0.067 µs -- 2(6) 1/fADC tS (3) Sampling time fADC = 30 MHz 0.100 - 16 µs 3 - 480 1/fADC tSTAB (3) Power-up time - 2 3 µs tCONV (3) Total conversion time (including sampling time) fADC = 30 MHz 12-bit resolution 0.5 - 16.40 µs fADC = 30 MHz 10-bit resolution 0.43 - 16.34 µs fADC = 30 MHz 8-bit resolution 0.37 - 16.27 µs fADC = 30 MHz 6-bit resolution 0.3 - 16.20 µs 9 to 492 (tS for sampling +n-bit resolution for successive approximation) 1/fADC |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |