Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F205RC Datasheet(PDF) 123 Page - STMicroelectronics

Part # STM32F205RC
Description  ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F205RC Datasheet(HTML) 123 Page - STMicroelectronics

Back Button STM32F205RC Datasheet HTML 119Page - STMicroelectronics STM32F205RC Datasheet HTML 120Page - STMicroelectronics STM32F205RC Datasheet HTML 121Page - STMicroelectronics STM32F205RC Datasheet HTML 122Page - STMicroelectronics STM32F205RC Datasheet HTML 123Page - STMicroelectronics STM32F205RC Datasheet HTML 124Page - STMicroelectronics STM32F205RC Datasheet HTML 125Page - STMicroelectronics STM32F205RC Datasheet HTML 126Page - STMicroelectronics STM32F205RC Datasheet HTML 127Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 177 page
background image
STM32F20xxx
Electrical characteristics
Doc ID 15818 Rev 9
123/177
5.3.24
Embedded reference voltage
The parameters given in Table 69 are derived from tests performed under ambient
temperature and VDD supply voltage conditions summarized in Table 12.
5.3.25
FSMC characteristics
Asynchronous waveforms and timings
Figure 54 through Figure 57 represent asynchronous waveforms and Table 70 through
Table 73 provide the corresponding timings. The results shown in these tables are obtained
with the following FSMC configuration:
●
AddressSetupTime = 1
●
AddressHoldTime = 1
●
DataSetupTime = 1
●
BusTurnAroundDuration = 0x0
In all timing tables, the THCLK is the HCLK clock period.
Table 69.
Embedded internal reference voltage
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VREFINT
Internal reference voltage
–40 °C < TA < +105 °C 1.18
1.21
1.24
V
TS_vrefint
(1)
1.
Shortest sampling time can be determined in the application by multiple iterations.
ADC sampling time when
reading the internal reference
voltage
10
-
-
µs
VRERINT_s
(2)
2.
Guaranteed by design, not tested in production.
Internal reference voltage
spread over the temperature
range
VDD = 3 V
-
3
5
mV
TCoeff
(2)
Temperature coefficient
-
30
50
ppm/°C
tSTART
(2)
Startup time
-
6
10
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com