Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F205RC Datasheet(PDF) 161 Page - STMicroelectronics

Part # STM32F205RC
Description  ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F205RC Datasheet(HTML) 161 Page - STMicroelectronics

Back Button STM32F205RC Datasheet HTML 157Page - STMicroelectronics STM32F205RC Datasheet HTML 158Page - STMicroelectronics STM32F205RC Datasheet HTML 159Page - STMicroelectronics STM32F205RC Datasheet HTML 160Page - STMicroelectronics STM32F205RC Datasheet HTML 161Page - STMicroelectronics STM32F205RC Datasheet HTML 162Page - STMicroelectronics STM32F205RC Datasheet HTML 163Page - STMicroelectronics STM32F205RC Datasheet HTML 164Page - STMicroelectronics STM32F205RC Datasheet HTML 165Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 177 page
background image
STM32F20xxx
Application block diagrams
Doc ID 15818 Rev 9
161/177
A.5
Complete audio player solutions
Two solutions are offered, illustrated in Figure 90 and Figure 91.
Figure 90 shows storage media to audio DAC/amplifier streaming using a software Codec.
This solution implements an audio crystal to provide audio class I2S accuracy on the master
clock (0.5% error maximum, see the Serial peripheral interface section in the reference
manual for details).
Figure 90.
Complete audio player solution 1
Figure 91 shows storage media to audio Codec/amplifier streaming with SOF
synchronization of input/output audio streaming using a hardware Codec.
Figure 91.
Complete audio player solution 2
1.
SOF = start of frame.
Cortex-M3 core
up to 120 MHz
OTG
(host
mode) +
PHY
SPI/
FSMC
SPI
GPIO
I2S
XTAL
25 MHz
or 14.7456 MHz
USB
Mass-storage
device
MMC/
SDCard
LCD
touch
screen
Control
buttons
DAC +
Audio
ampli
File
System
Program memory
Audio
CODEC
User
application
ai16039c
Cortex-M3 core
up to 120 MHz
OTG
+
PHY
SPI/
FSMC
SPI/
FSMC
GPIO
I2S
USB
Mass-storage
device
MMC/
SDCard
LCD
touch
screen
Control
buttons
Audio
ampli
File
System
Program memory
Audio PLL
+DAC
User
application
ai16040c
SOF
SOF synchronization of input/output
audio streaming
XTAL
25 MHz
or 14.7456 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com