Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRMCF371TY Datasheet(PDF) 17 Page - International Rectifier

Part # IRMCF371TY
Description  Sensorless Motor Control IC for Appliances
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRMCF371TY Datasheet(HTML) 17 Page - International Rectifier

Back Button IRMCF371TY Datasheet HTML 13Page - International Rectifier IRMCF371TY Datasheet HTML 14Page - International Rectifier IRMCF371TY Datasheet HTML 15Page - International Rectifier IRMCF371TY Datasheet HTML 16Page - International Rectifier IRMCF371TY Datasheet HTML 17Page - International Rectifier IRMCF371TY Datasheet HTML 18Page - International Rectifier IRMCF371TY Datasheet HTML 19Page - International Rectifier IRMCF371TY Datasheet HTML 20Page - International Rectifier IRMCF371TY Datasheet HTML 21Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
IRMCF371
17
7.2
Analog to Digital Converter AC Characteristics
Unless specified, Ta = 25˚C.
Symbol
Parameter
Min
Typ
Max
Condition
TCONV
Conversion time
-
-
2.05 μsec
(1)
THOLD
Sample/Hold
maximum hold time
-
-
10 μsec
Voltage droop ≤
15 LSB
(see figure below)
Table 9.
A/D Converter AC Characteristics
Note:
(1) Data guaranteed by design.
THOLD
Voltage droop
tSAMPLE
S/H Voltage
Input Voltage
7.3
Op Amp AC Characteristics
- OP amps for current sensing (IFB+, IFB-, IFBO)
Unless specified, Ta = 25˚C.
Symbol
Parameter
Min
Typ
Max
Condition
OPSR
OP amp slew rate
-
10 V/μsec
-
VAVDD = 1.8 V, CL
= 33 pF (1)
OPIMP
OP input impedance
-
108 Ω
-
(1)
TSET
Settling time
-
400 ns
-
VAVDD = 1.8 V, CL
= 33 pF (1)
Table 10.
Current Sensing OP amp Amp AC Characteristics
Note:
(1) Data guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com