Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRMCF371TY Datasheet(PDF) 9 Page - International Rectifier

Part # IRMCF371TY
Description  Sensorless Motor Control IC for Appliances
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRMCF371TY Datasheet(HTML) 9 Page - International Rectifier

Back Button IRMCF371TY Datasheet HTML 5Page - International Rectifier IRMCF371TY Datasheet HTML 6Page - International Rectifier IRMCF371TY Datasheet HTML 7Page - International Rectifier IRMCF371TY Datasheet HTML 8Page - International Rectifier IRMCF371TY Datasheet HTML 9Page - International Rectifier IRMCF371TY Datasheet HTML 10Page - International Rectifier IRMCF371TY Datasheet HTML 11Page - International Rectifier IRMCF371TY Datasheet HTML 12Page - International Rectifier IRMCF371TY Datasheet HTML 13Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
IRMCF371
9
P3.0/INT2/CS1
Input/output port 3.0, can be configured as INT2 input or SPI chip select
1
P3.2/INT0
Input/output port 3.2, can be configured as INT0 input
Analog Output Interface
AOPWM
Output, PWM output 0, 8-bit resolution, configurable carrier frequency
Crystal Interface
XTAL0
Input, connected to crystal
XTAL1
Output, connected to crystal
Reset Interface
RESET
Inout, system reset, needs to be pulled up to VDD1 but doesn’t require
external RC time constant
I
2C/SPI Interface
SCL/SO-SI
Input/output, I2C clock output or SPI data
SDA/CS0
Input/output, I2C Data line or SPI chip select 0
P3.0/INT2/CS1
Input/output, INT2 or SPI chip select 1
P1.3/SYNC/SCK Input/output, SYNC output or SPI clock, needs to be pulled up to VDD1
in order to boot from I2C EEPROM
4.2
Motion Peripheral Interface Group
PWM
PWMUH
Output, PWM phase U high side gate signal
PWMUL
Output, PWM phase U low side gate signal
PWMVH
Output, PWM phase V high side gate signal
PWMVL
Output, PWM phase V low side gate signal
PWMWH
Output, PWM phase W high side gate signal
PWMWL
Output, PWM phase W low side gate signal
Fault
GATEKILL
Input, upon assertion, this negates all six PWM signals, programmable
logic sense
4.3
Analog Interface Group
AVDD
Analog power (1.8V)
AVSS
Analog power return
AREF
0.6V buffered output
CMEXT
Unbuffered 0.6V, input to the AREF buffer, capacitor needs to be
connected.
IFB+
Input, Operational amplifier positive input for shunt resistor current
sensing
IFB-
Input, Operational amplifier negative input for shunt resistor current
sensing
IFBO
Output, Operational amplifier output for shunt resistor current sensing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com