Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRMCF371TY Datasheet(PDF) 10 Page - International Rectifier

Part # IRMCF371TY
Description  Sensorless Motor Control IC for Appliances
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRMCF371TY Datasheet(HTML) 10 Page - International Rectifier

Back Button IRMCF371TY Datasheet HTML 6Page - International Rectifier IRMCF371TY Datasheet HTML 7Page - International Rectifier IRMCF371TY Datasheet HTML 8Page - International Rectifier IRMCF371TY Datasheet HTML 9Page - International Rectifier IRMCF371TY Datasheet HTML 10Page - International Rectifier IRMCF371TY Datasheet HTML 11Page - International Rectifier IRMCF371TY Datasheet HTML 12Page - International Rectifier IRMCF371TY Datasheet HTML 13Page - International Rectifier IRMCF371TY Datasheet HTML 14Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
IRMCF371
10
AIN0
Input, Analog input channel 0 (0 – 1.2V), typically configured for DC bus
voltage input
AIN1
Input, Analog input channel 1 (0 – 1.2V), needs to be pulled down to
AVSS if unused
AIN2
Input, Analog input channel 2 (0 – 1.2V), needs to be pulled down to
AVSS if unused
4.4
Power Interface Group
VDD1
Digital power for I/O (3.3V)
VDD2
Digital power for core logic (1.8V)
VSS
Digital common
PLLVDD
PLL power (1.8V)
PLLVSS
PLL ground return
4.5
Test Interface Group
TSTMOD
Must be tied to VSS, used only for factory testing.
P5.1/TSM
Input/output port 5.1, configured as JTAG port by default
P5.2/TDO
Input/output port 5.2, configured as JTAG port by default
P5.3/TDI
Input/output port 5.3, configured as JTAG port by default
TCK
Input, JTAG test clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com