Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRMCF371TY Datasheet(PDF) 8 Page - International Rectifier

Part # IRMCF371TY
Description  Sensorless Motor Control IC for Appliances
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRMCF371TY Datasheet(HTML) 8 Page - International Rectifier

Back Button IRMCF371TY Datasheet HTML 4Page - International Rectifier IRMCF371TY Datasheet HTML 5Page - International Rectifier IRMCF371TY Datasheet HTML 6Page - International Rectifier IRMCF371TY Datasheet HTML 7Page - International Rectifier IRMCF371TY Datasheet HTML 8Page - International Rectifier IRMCF371TY Datasheet HTML 9Page - International Rectifier IRMCF371TY Datasheet HTML 10Page - International Rectifier IRMCF371TY Datasheet HTML 11Page - International Rectifier IRMCF371TY Datasheet HTML 12Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
IRMCF371
8
4 Input/Output of IRMCF371
All I/O signals of IRMCF371 are shown in Figure 4. All I/O pins are 3.3V logic interface except
A/D interface pins.
P1.2/TXD
P1.1/RXD
P1.0/T2
P1.3/SYNC/SCK
P2.0/NMI
P1.4/CAP
P2.1
P5.3/TDI
TCK
P5.1/TMS
PWMUH
PWMUL
PWMVH
PWMVL
PWMWH
PWMWL
GATEKILL
IFB+
IFB-
IFBO
AIN0
AIN1
PWM gate signal
Interface
A/D Interface
Discrete I/O
JTAG port
P5.2/TDO
UART
Interface
XTAL0
XTAL1
Crystal
P2.6/AOPWM
D/A Interface
(PWM output)
RESET
System Reset
AIN2
AVDD(1.8V)
AVSS
AREF
CMEXT
VDD1(3.3V)
VDD2(1.8V)
VSS
Digital power/
ground
TSTMOD
Test Mode
(must be tied to VSS)
PLLVDD(1.8V)
PLLVSS
PLL power/
ground
P3.2/INT0
Analog power/
ground
SCL/SO-SI
SDA/CS0
I2C
Interface
P3.0/INT2/CS1
Figure 4.
Input/Output of IRMCF371
4.1
8051 Peripheral Interface Group
UART Interface
P1.2/TXD
Output, Transmit data from IRMCF371, can be configured as P1.2
P1.1/RXD
Input, Receive data to IRMCF371, can be configured as P1.1
Discrete I/O Interface
P1.0/T2
Input/output port 1.0, can be configured as Timer 2 input
P1.1/RXD
Input/output port 1.1, can be configured as RXD input
P1.2/TXD
Input/output port 1.2, can be configured as TXD output
P1.3/SYNC/SCK Input/output port 1.3, can be configured as SYNC output or SPI clock,
needs to be pulled up to VDD1 in order to boot from I2C EEPROM
P1.4/CAP
Input/output port 1.4, can be configured as Capture Timer input
P2.0/NMI
Input/output port 2.0, can be configured as non-maskable interrupt input
P2.1
Input/output port 2.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com