Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAM3X Datasheet(PDF) 70 Page - ATMEL Corporation

Part # SAM3X
Description  AT91SAM ARM-based Flash MCU
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

SAM3X Datasheet(HTML) 70 Page - ATMEL Corporation

Back Button SAM3X Datasheet HTML 63Page - ATMEL Corporation SAM3X Datasheet HTML 64Page - ATMEL Corporation SAM3X Datasheet HTML 65Page - ATMEL Corporation SAM3X Datasheet HTML 66Page - ATMEL Corporation SAM3X Datasheet HTML 67Page - ATMEL Corporation SAM3X Datasheet HTML 68Page - ATMEL Corporation SAM3X Datasheet HTML 69Page - ATMEL Corporation SAM3X Datasheet HTML 70Page - ATMEL Corporation SAM3X Datasheet HTML 71Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 70 / 71 page
background image
72
11057BS–ATARM–13-Jul-12
SAM3X/A
72
11057BS–ATARM–13-Jul-12
SAM3X/A
Revision History
In the tables that follow, the most recent version of the document appears first.
“rfo” indicates changes requested during the review and approval loop.
Doc. Rev
11057BS
Comments
Change
Request
Ref.
SDRAM Controller info removed: Section “Features”; Table 1-1, “Configuration Summary”; Table 3-1,
“Signal Description List”; Section 9.2.1 “External Memory Bus”; Section 10. “System Controller”;
Table 11.1, “Peripheral Identifiers”; Section 12.15 “External Bus Interface (EBI)”, and Figure 8-1
”SAM3X/A Product Mapping”.
I/O info modified in Section “Features”.
Section 1. “SAM3X/A Description” updated.
Figure 2-3 ”SAM3X4/8E (144 pins) Block Diagram” updated.
Table 11-5, “Multiplexing on PIO Controller D (PIOD)” updated.
“Write protected Registers” added to Section “Features”.
8316
8213
Doc. Rev
11057AS
Comments
Change
Request
Ref.
First issue



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com