Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAM3X Datasheet(PDF) 42 Page - ATMEL Corporation

Part # SAM3X
Description  AT91SAM ARM-based Flash MCU
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

SAM3X Datasheet(HTML) 42 Page - ATMEL Corporation

Back Button SAM3X Datasheet HTML 38Page - ATMEL Corporation SAM3X Datasheet HTML 39Page - ATMEL Corporation SAM3X Datasheet HTML 40Page - ATMEL Corporation SAM3X Datasheet HTML 41Page - ATMEL Corporation SAM3X Datasheet HTML 42Page - ATMEL Corporation SAM3X Datasheet HTML 43Page - ATMEL Corporation SAM3X Datasheet HTML 44Page - ATMEL Corporation SAM3X Datasheet HTML 45Page - ATMEL Corporation SAM3X Datasheet HTML 46Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 71 page
background image
44
11057BS–ATARM–13-Jul-12
SAM3X/A
44
11057BS–ATARM–13-Jul-12
SAM3X/A
Figure 10-1. System Controller Block Diagram
Software Controlled
Voltage Regulator
ADC & DAC
Matrix
SRAM
Watchdog
Timer
Flash
Peripherals
Peripheral
Bridge
Zero-Power
Power-on Reset
Supply
Monitor
RTC
Power
Management
Controller
Embedded
32 kHz RC
Oscillator
Xtal 32 kHz
Oscillator
Supply
Controller
Embedded
12 / 8 / 4 MHz
RC
Oscillator
Brownout
Detector
General Purpose
Backup Registers
Cortex-M3
Reset
Controller
Backup Power Supply
Core Power Supply
PLLA
vr_standby
rtc_alarm
SLCK
proc_nreset
periph_nreset
ice_nreset
Master Clock
MCK
SLCK
vddcore_nreset
Main Clock
MAINCK
SLCK
NRST
MAINCK
PLLACK
FSTT0 - FSTT15(1)
XIN32
XOUT32
osc32k_xtal_en
XTALSEL
Slow Clock
SLCK
osc32k_rc_en
vddcore_nreset
VDDIO
VDDCORE
VDDOUT
ADVREF
ADx
FWUP
bodcore_on
bodcore_in
RTT
rtt_alarm
SLCK
XIN
XOUT
VDDBU
VDDIN
SHDN
PIOx
VDDANA
USB
VDDUTMI
USBx
bodbup_on
bodbup_in
supc_interrupt
3 - 20 MHz
XTAL Oscillator
WKUP0 - WKUP15
NRSTB
PIOA/B/C/D/E/F
Input / Output Buffers
FSTT0 - FSTT15 are possible Fast Startup Sources, generated by WKUP0-WKUP15 Pins,
but are not physical pins.
UPLL
MAINCK
UPLLCK
DACx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com