Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAM3X Datasheet(PDF) 33 Page - ATMEL Corporation

Part # SAM3X
Description  AT91SAM ARM-based Flash MCU
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

SAM3X Datasheet(HTML) 33 Page - ATMEL Corporation

Back Button SAM3X Datasheet HTML 29Page - ATMEL Corporation SAM3X Datasheet HTML 30Page - ATMEL Corporation SAM3X Datasheet HTML 31Page - ATMEL Corporation SAM3X Datasheet HTML 32Page - ATMEL Corporation SAM3X Datasheet HTML 33Page - ATMEL Corporation SAM3X Datasheet HTML 34Page - ATMEL Corporation SAM3X Datasheet HTML 35Page - ATMEL Corporation SAM3X Datasheet HTML 36Page - ATMEL Corporation SAM3X Datasheet HTML 37Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 71 page
background image
35
11057BS–ATARM–13-Jul-12
SAM3X/A
35
11057BS–ATARM–13-Jul-12
SAM3X/A
7.7
Peripheral DMA Controller
• Handles data transfer between peripherals and memories
• Low bus arbitration overhead
– One Master Clock cycle needed for a transfer from memory to peripheral
– Two Master Clock cycles needed for a transfer from peripheral to memory
• Next Pointer management for reducing interrupt latency requirement
The Peripheral DMA Controller handles transfer requests from the channel according to the fol-
lowing priorities (Low to High priorities):
Table 7-6.
Peripheral DMA Controller
Instance Name
Channel T/R
144 Pins
100 Pins
DAC
Transmit
X
X
PWM
Transmit
X
X
TWI1
Transmit
X
X
TWI0
Transmit
X
X
USART3
Transmit
X
X
USART2
Transmit
X
X
USART1
Transmit
X
X
USART0
Transmit
X
X
UART
Transmit
X
X
ADC
Receive
X
X
TWI1
Receive
X
X
TWI0
Receive
X
X
USART3
Receive
X
N/A
USART2
Receive
X
X
USART1
Receive
X
X
USART0
Receive
X
X
UART
Receive
X
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com