Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAM3X Datasheet(PDF) 12 Page - ATMEL Corporation

Part # SAM3X
Description  AT91SAM ARM-based Flash MCU
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

SAM3X Datasheet(HTML) 12 Page - ATMEL Corporation

Back Button SAM3X Datasheet HTML 8Page - ATMEL Corporation SAM3X Datasheet HTML 9Page - ATMEL Corporation SAM3X Datasheet HTML 10Page - ATMEL Corporation SAM3X Datasheet HTML 11Page - ATMEL Corporation SAM3X Datasheet HTML 12Page - ATMEL Corporation SAM3X Datasheet HTML 13Page - ATMEL Corporation SAM3X Datasheet HTML 14Page - ATMEL Corporation SAM3X Datasheet HTML 15Page - ATMEL Corporation SAM3X Datasheet HTML 16Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 71 page
background image
14
11057BS–ATARM–13-Jul-12
SAM3X/A
14
11057BS–ATARM–13-Jul-12
SAM3X/A
Notes:
1. TDO pin is set in input mode when the Cortex-M3 Core is not in debug mode. Thus the internal pull-up corresponding to this
PIO line must be enabled to avoid current consumption due to floating input.
2. PIOA: Schmitt Trigger on all, except PA0, PA9, PA26, PA29, PA30, PA31
3. PIOB: Schmitt Trigger on all, except PB14 and PB22
4. PIOC: Schmitt Trigger on all, except PC2 to PC9, PC15 to PC24
5. PIOD: Schmitt Trigger on all, except PD10 to PD30
6. PIOE: Schmitt Trigger on all, except PE0 to PE4, PE15, PE17, PE19, PE21, PE23, PE25, PE29
7. PIOF: Schmitt Trigger on all PIOs
3.1
Design Considerations
In order to facilitate schematic capture when using a SAM3X/A design, Atmel provides a “Sche-
matics Checklist” Application Note. See http://www.atmel.com/products/AT91/
4.
Package and Pinout
4.1
SAM3A4/8C and SAM3X4/8C Package and Pinout
The SAM3A4/8C and SAM3X4/8C are available in 100-lead LQFP and 100-ball LFBGA
packages.
Fast Flash Programming Interface
PGMEN0-PGMEN2
Programming Enabling
Input
VDDIO
PGMM0-PGMM3
Programming Mode
Input
VDDIO
PGMD0-PGMD15
Programming Data
I/O
VDDIO
PGMRDY
Programming Ready
Output
High
VDDIO
PGMNVALID
Data Direction
Output
Low
VDDIO
PGMNOE
Programming Read
Input
Low
VDDIO
PGMCK
Programming Clock
Input
VDDIO
PGMNCMD
Programming Command
Input
Low
VDDIO
USB Mini Host/Device High Speed Device
VBUS
USB Bus Power Measurement Port
Analog
DFSDM
USB Full Speed Data -
Analog
VDDUTMI
DFSDP
USB Full Speed Data +
Analog
VDDUTMI
DHSDM
USB High Speed Data -
Analog
VDDUTMI
DHSDP
USB High Speed Data +
Analog
VDDUTMI
UOTGVBOF
USB VBus On/Off: Bus Power Control
Port
VDDIO
UOTGID
USB Identification: Mini Connector
Identification Port
VDDIO
Table 3-1.
Signal Description List (Continued)
Signal Name
Function
Type
Active
Level
Voltage
Reference
Comments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com