Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9503 Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT9503
Description  Fully Integrated Linear Single Cell Li-Ion Battery Charger with Power Path
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9503 Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT9503 Datasheet HTML 1Page - Richtek Technology Corporation RT9503 Datasheet HTML 2Page - Richtek Technology Corporation RT9503 Datasheet HTML 3Page - Richtek Technology Corporation RT9503 Datasheet HTML 4Page - Richtek Technology Corporation RT9503 Datasheet HTML 5Page - Richtek Technology Corporation RT9503 Datasheet HTML 6Page - Richtek Technology Corporation RT9503 Datasheet HTML 7Page - Richtek Technology Corporation RT9503 Datasheet HTML 8Page - Richtek Technology Corporation RT9503 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
RT9503
4
DS9503-03 April 2011
www.richtek.com
Table
Start-Up
Precharge Phase
Fast Charge Phase
Standby/Fault
Recharge Phase
RT9503 Flow Chart
ACIN/USB
Power Up
V/CE > 1.4V ?
NO
NO
VACIN < 4.3V
and
VUSB < 3.9V?
DISABLE
MODE
PFET OFF
IBATT = 0
YES
UVP MODE
PFET OFF
IBATT = 0
YES
VACIN < VBATT
and
VUSB < VBATT?
SLEEP MODE
PFET OFF
IBATT = 0
YES
VBATT > 2.8V?
NO
IBATT = 0.1 Charge
Current
/CHG_S Strong Pull
Down
NO
?TCHARGE UP?
1ms Delay
&
Start Timer
VBATT > 2.8V?
NO
IBATT = Charge
Current
/CHG_S Strong
Pull Down
YES
YES
YES
NO
VTS > 2.5V
or
VTS < 0.5V?
TIME
FAULT
IBATT < 0.1 ICHG?
YES
TCHARGE UP?
NO
NO
YES
STANDBY
PFET OFF
IBATT = 0
YES
TEMP
FAULT
YES
/CHG_S HIGH
IMPEDANCE
VBATT > 4.1 V?
YES
VBATT > 4.1 V?
NO
RECHAR
GE
YES
NO
OVP
MODE
NO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com