Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9503 Datasheet(PDF) 11 Page - Richtek Technology Corporation

Part # RT9503
Description  Fully Integrated Linear Single Cell Li-Ion Battery Charger with Power Path
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9503 Datasheet(HTML) 11 Page - Richtek Technology Corporation

Back Button RT9503 Datasheet HTML 7Page - Richtek Technology Corporation RT9503 Datasheet HTML 8Page - Richtek Technology Corporation RT9503 Datasheet HTML 9Page - Richtek Technology Corporation RT9503 Datasheet HTML 10Page - Richtek Technology Corporation RT9503 Datasheet HTML 11Page - Richtek Technology Corporation RT9503 Datasheet HTML 12Page - Richtek Technology Corporation RT9503 Datasheet HTML 13Page - Richtek Technology Corporation RT9503 Datasheet HTML 14Page - Richtek Technology Corporation RT9503 Datasheet HTML 15Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
RT9503
11
DS9503-03 April 2011
www.richtek.com
ACIN Over-Voltage Protection
The ACIN input voltage is monitored by an internal OVP
comparator. The comparator has an accurate reference of
2.5V from the band-gap reference. The OVP threshold is
set by the internal resistive. The protection threshold is
set to 6.5V, but ACIN input voltage over 18V still leads the
RT9503 to damage. When the input voltage exceeds the
threshold, the comparator outputs a logic signal to turn
off the power P-MOSFET to prevent the high input voltage
from damaging the electronics in the handheld system.
When the input over Voltage condition is removed (ACIN
< 6V), the comparator re-enables the output by running
through the soft-start.
Battery Temperature Monitoring
The RT9503 continuously monitors battery temperature
by measuring the voltage between the TS and GND pins.
The RT9503 has an internal current source to provide the
bias for the most common 10k
Ω negative-temperature
coefficient thermal resistor (NTC) (see Figure 4). The
RT9503 compares the voltage on the TS pin against the
internal VTS_HIGH and VTS_LOW thresholds to determine
if charging is allowed. When the temperature outside the
VTS_HIGH and VTS_LOW thresholds is detected, the
device will immediately stop the charge. The RT9503 stops
charge and keep monitoring the battery temperature when
the temperature sense input voltage is back to the
threshold between VTS_HIGH and VTS_LOW, the charger
will be resumed. Charge is resumed when the temperature
returns to the normal range. However the user may modify
thresholds by the negative-temperature coefficient thermal
resistor or adding two external resistors. (see Figure 5.)
The capacitor should be placed close to TS (Pin 9) and
connected to the ground plane. The capacitance value
(0.1uF to 10uF) should be selected according to the quality
of PCB layout. It is recommended to use 10uF if the layout
is poor if prevent noise.
Figure 4. Temperature Sensing Configuration
0.1uF to 10uF
Battery
A
TS
Temperature
Sense
ITS
VBATT
NTC
TS
TS
NTC
TS
TS
V
= I
R
Turn off when V
2.5V or V
0.5V
×
≥≤
Figure 5. Temperature Sensing Circuit
RT2
Battery
A
TS
Temperature
Sense
ITS
VBATT
NTC
RT1
0.1uF to 10uF
T2
T1
NTC
TS
TS
T1
T2
NTC
TS
TS
R(R
+ R
)
V
= I
R
+ R
+ R
Turn off when V
2.5V or V
0.5V
×
≥≤
Fast-Charge Current Setting
Case 1: ACIN Mode
The RT9503 offers ISETA pin to determine the ACIN charge
rate from 100mA to 1.2A. The charge current can be
calculated as following equation.
SET
charge_ac
SET
SETA
V
I
= K
R
The parameter KSET = 300 ; VSET = 2.5V. RSETA is the
resistor connected between the ISETA and GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com