Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9503 Datasheet(PDF) 8 Page - Richtek Technology Corporation

Part # RT9503
Description  Fully Integrated Linear Single Cell Li-Ion Battery Charger with Power Path
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9503 Datasheet(HTML) 8 Page - Richtek Technology Corporation

Back Button RT9503 Datasheet HTML 4Page - Richtek Technology Corporation RT9503 Datasheet HTML 5Page - Richtek Technology Corporation RT9503 Datasheet HTML 6Page - Richtek Technology Corporation RT9503 Datasheet HTML 7Page - Richtek Technology Corporation RT9503 Datasheet HTML 8Page - Richtek Technology Corporation RT9503 Datasheet HTML 9Page - Richtek Technology Corporation RT9503 Datasheet HTML 10Page - Richtek Technology Corporation RT9503 Datasheet HTML 11Page - Richtek Technology Corporation RT9503 Datasheet HTML 12Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
RT9503
8
DS9503-03 April 2011
www.richtek.com
Typical Operating Characteristics
ISETA Voltage vs. Temperature
2.40
2.42
2.44
2.46
2.48
2.50
2.52
2.54
-25 -15
-5
5
1525354555657585
Temperature
VBATT = 3.8V, ACIN = 5V, ICharger = 500mA
(
°C)
Charge Current vs. RSETA
0
200
400
600
800
1000
1200
0.5
1.5
2.5
3.5
4.5
5.5
6.5
7.5
8.5
9.5
RSETA (k )
VBATT = 3.8V, ACIN = 5V
(k
Ω)
Enable Threshold Voltage vs. Input Voltage
0.0
0.4
0.8
1.2
1.6
2.0
4.5
4.8
5.1
5.4
5.7
6
6.3
6.6
Input Voltage (V)
VBATT = 3.8V, ICharger = 500mA
Rising
Falling
ISETA Voltage vs. ACIN Voltage
2.40
2.42
2.44
2.46
2.48
2.50
2.52
2.54
4.5
4.8
5.1
5.4
5.7
6
6.3
6.6
ACIN Voltage (V)
VBATT = 3.8V, ICharger = 500mA
TS Current vs. Input Voltage
95
96
97
98
99
100
101
102
103
104
105
4.5
4.8
5.1
5.4
5.7
6
6.3
6.6
Input Voltage (V)
VBATT = 3.8V, ICharger = 500mA
TS Current vs. Temperature
95
96
97
98
99
100
101
102
103
104
105
-25 -15
-5
5
1525
354555657585
Temperature
VBATT = 3.8V, ACIN = 5V, ICharger = 500mA
(
°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com