Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9503 Datasheet(PDF) 12 Page - Richtek Technology Corporation

Part # RT9503
Description  Fully Integrated Linear Single Cell Li-Ion Battery Charger with Power Path
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9503 Datasheet(HTML) 12 Page - Richtek Technology Corporation

Back Button RT9503 Datasheet HTML 7Page - Richtek Technology Corporation RT9503 Datasheet HTML 8Page - Richtek Technology Corporation RT9503 Datasheet HTML 9Page - Richtek Technology Corporation RT9503 Datasheet HTML 10Page - Richtek Technology Corporation RT9503 Datasheet HTML 11Page - Richtek Technology Corporation RT9503 Datasheet HTML 12Page - Richtek Technology Corporation RT9503 Datasheet HTML 13Page - Richtek Technology Corporation RT9503 Datasheet HTML 14Page - Richtek Technology Corporation RT9503 Datasheet HTML 15Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
RT9503
12
DS9503-03 April 2011
www.richtek.com
0
200
400
600
800
1000
1200
0.5
1.5
2.5
3.5
4.5
5.5
6.5
7.5
8.5
9.5
RSETA (k)
RSETA (k
Ω)
Figure 6. AC Mode Charge Current Setting
Case 2 : USB Mode
When charging from a USB port, the ISETU pin can be
used to determine the charge current of 100mA or 500mA.
A low-level signal of ISETU pin sets the charge current at
100mA and a high level signal sets the charge current at
500mA.
Pre- Charge Current Setting
During a charge cycle if the battery voltage is below the
VPRECH threshold, the RT9503 applies a pre-charge mode
to the battery. This feature revives deeply discharged cells
and protects battery life. The RT9503 internal determines
the pre-charge rate as 10% of the fast-charge current.
Battery Voltage Regulation
The RT9503 monitors the battery voltage through the BATT
pin. Once the battery voltage level closes to the VREG
threshold, the RT9503 voltage enters constant phase and
the charging current begins to taper down. When battery
voltage is over the VREG threshold, the RT9503 will stop
charge and keep to monitor the battery voltage. However,
when the battery voltage decreases 100mV below the
VREG, it will be recharged to keep the battery voltage.
Charge Status Outputs
The open-drain CHG_S and AC_PGOOD outputs indicate
various charger operations as shown in the following table.
These status pins can be used to drive LEDs or
communicate to the host processor. Note that ON
indicates the open-drain transistor is turned on and LED
bright.
Charge State
CHG_S
AC_PGOOD
Charge
ON
ON
ACIN
Charge Done
OFF
ON
Charge
ON
OFF
USB
Charge Done
OFF
OFF
Temperature Regulation and Thermal Protection
In order to maximize charge rate, the RT9503 features a
junction temperature regulation loop. If the power
dissipation of the IC results in a junction temperature
greater than the thermal regulation threshold (125
°C), the
RT9503 throttles back on the charge current in order to
maintain a junction temperature around the thermal
regulation threshold (125
°C). The RT9503 monitors the
junction temperature, TJ, of the die and disconnects the
battery from the input if TJ exceeds 125
°C. This operation
continues until junction temperature falls below thermal
regulation threshold (125
°C) by the hysteresis level. This
feature prevents the maximum power dissipation not
exceeded typical design conditions.
External Timer
As a safety mechanism the RT9503 has a user-
programmable timer that monitors the pre-charge and fast
charge time. This timer (charge safety timer) is started at
the beginning of the pre-charge and fast charge period.
The safety charge timeout value is set by the value of an
external capacitor connected to the TMR pin (CTMR), if pin
TMR is short to GND, the charge safety timer is disabled.
As CTMR = 0.1uF, TPRECH is ~2460 secs and TFAULT is 8 x
TPRECH. TPRECH = CTMR x 2460/0.1u
As timer fault, re-plug-in power or pull high and re-pull low
EN can release the fault condition.
As a safety mechanism, the RT9503 has a user-
programmable timer that monitors the pre-charge and fast
charge time. This timer(charge safe timer) is started at
the beginning of the pre-charge and fast-charge period.
The safety charge timeout value is set by an external
capacitor (CT) connected between TIMER pin and GND.
The timeout fault condition can be released by resetting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com