Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM53745-77 Datasheet(PDF) 39 Page - ITT Industries

Part # DM53745-77
Description  D Subminiature Connectors
PDF  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DM53745-77 Datasheet(HTML) 39 Page - ITT Industries

Back Button DM53745-77 Datasheet HTML 35Page - ITT Industries DM53745-77 Datasheet HTML 36Page - ITT Industries DM53745-77 Datasheet HTML 37Page - ITT Industries DM53745-77 Datasheet HTML 38Page - ITT Industries DM53745-77 Datasheet HTML 39Page - ITT Industries DM53745-77 Datasheet HTML 40Page - ITT Industries DM53745-77 Datasheet HTML 41Page - ITT Industries DM53745-77 Datasheet HTML 42Page - ITT Industries DM53745-77 Datasheet HTML 43Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
38
D Subminiature
D*W
Discrete Wire IDC
Part Numbers
Shell Size
Layout
Through Hole
Clinch Nut
#4-40 UNC
Through Hole
& Shield Can Kit
Clinch Nut #4-40 UNC
& Shield Can Kit
DE
9
DEW9P*
DEWE9P*
DEW9P*G
DEWE9P*G
DA
15
DAW15P*
DAWE15P*
DAW15P*G
DAWE15P*G
DB
25
DBW25P*
DBWE25P*
DBW25P*G
DBWE25P*G
DC
37
DCW37P*
DCWE37P*
DCW37P*G
DCWE37P*G
Note: *Insert contact type. Example: DEW9P1.
For contacts with 0,76 m gold add -A176. Example: DEW9P1-A176.
For shield can kit, see page 40.
Contact Types*
Wire Accommodation
1
28 AWG/30 AWG
2
22 AWG/26 AWG
3
20 AWG/22 AWG
For more information, see pages 40-41.
Dimensions
Shell Size
Layout
A
±0,38 (.015)
B
±0,12 (.005)
C
±0,12 (.005)
D
±0,13 (.005)
E
±0,38 (.015)
F
±0,25 (.010)
G
max.
H
±0,25 (.010)
J
±0,25 (.010)
L
±0,25 (.010)
DEW
9
30,81 (1.213)
16,91 (.666)
24,99 (.984)
8,35 (.329)
12,55 (.494)
10,71 (.422)
6,05 (.238)
19,27 (.759)
10,71 (.422)
0,76 (.030)
DAW
15
39,14 (1.541)
25,54 (.994)
33,32 (1.312)
8,35 (.329)
12,55 (.494)
10,71 (.422)
6,05 (.238)
27,50 (1.083)
10,71 (.422)
0,76 (.030)
DBW
25
53,03 (2.048)
38,96 (1.534)
47,04 (1.852)
8,35 (.329)
12,55 (.494)
10,82 (.426)
5,99 (.236)
41,27 (1.625)
10,71 (.422)
0,99 (.039)
DCW
37
69,32 (2.729)
55,42 (2.182)
63,50 (2.500)
8,35 (.329)
12,55 (.494)
10,82 (.426)
5,99 (.236)
57,70 (2.272)
10,71 (.422)
0,99 (.039)
Plug
Engaging Face
Selection Guide
For Product Features, Specifications,
Materials and Finishes, see pages 30-31.
Reader’s Resource
For contact cavity arrangements,
see page 224.
For panel cutouts, see page 221.
For hardware views (European),
see page 227.
H
J
Rear Face
E
A
C
B
D
Ø 3,05 (.120)
10
°
1
13
25
14
F
1,33
(.052)
G MAX
7,00
(.276)
14,50
(.571)
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com