Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM53745-77 Datasheet(PDF) 65 Page - ITT Industries

Part # DM53745-77
Description  D Subminiature Connectors
PDF  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DM53745-77 Datasheet(HTML) 65 Page - ITT Industries

Back Button DM53745-77 Datasheet HTML 61Page - ITT Industries DM53745-77 Datasheet HTML 62Page - ITT Industries DM53745-77 Datasheet HTML 63Page - ITT Industries DM53745-77 Datasheet HTML 64Page - ITT Industries DM53745-77 Datasheet HTML 65Page - ITT Industries DM53745-77 Datasheet HTML 66Page - ITT Industries DM53745-77 Datasheet HTML 67Page - ITT Industries DM53745-77 Datasheet HTML 68Page - ITT Industries DM53745-77 Datasheet HTML 69Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
64
14,55
(.573)
10,85
(.427)
6,50
± 0,25
(.256
± .010)
RIVNUT
#4-40 UNC
BRACKET,
METAL
SCREW LOCK
#4-40 UNC
Dimensions
Shell Size
A
±0,38 (.015)
B
±0,13 (.005)
C
±0,13 (.005)
D
±0,13 (.005)
E
±0,38 (.015)
F
±0,25 (.010)
W
±0,368 (.0145)
W
±0,41 (.016)
L
±0,25 (.010)
DE
30,81 (1.213)
16,92 (.666)
24,99 (.984)
8,36 (.329)
12,55 (.494)
10,72 (.422)
6,693 (.2635)
—
0,76 (.030)
DA
39,14 (1.541)
25,25 (.994)
33,32 (1.312)
8,36 (.329)
12,55 (.494)
10,72 (.422)
6,693 (.2635)
—
0,76 (.030)
DB
53,04 (2.088)
38,96 (1.534)
47,04 (1.852)
8,36 (.329)
12,55 (.494)
10,82 (.426)
—
6,84 (.269)
0,99 (.039)
DC
69,32 (2.729)
55,42 (2.182)
63,50 (2.500)
8,36 (.329)
12,55 (.494)
10,82 (.426)
—
6,84 (.269)
0,99 (.039)
Connector footprint measured from the front shell.
Connector footprint measured from the rear shell.
1,00 (.039)
A
C
B
ED
Ø 2,90
(.114)
Ø 0,60
(.024)
2,92
(.115)
BOARDLOCK
11,94
± 0,25
(.470
± .010)
3,30 (.130)
MIN.
L
4,00 (.157)
2,54
(.100)
9,40
± 0,20
(.370
± .008)
W
F
D Subminiature
Combo D
40 A High Power 90
° — European Footprint 10,2 or 9,4 mm
(Sizes DE-DC)
Screw lock, boardlock, and signal contacts
removed for clarity
Screw lock, boardlock, and high power contact
removed for clarity
Plug
Engaging Face
Reader’s Resource
For contact cavity arrangements,
see page 222.
For P.C. hole patterns, see pages 250-251.
For panel cutouts, see page 221.
For alternate bracket configuration (when
connectors are supplied without boardlocks),
see page 226.
Note:
Dimension varies with alternate bracket configuration, see Reader’s Resource page 226.
Part Numbers with Metal Bracket and Rivnut #4-40 UNC
Shell Size
Layout
Part Number
Without Screw Locks
Without Boardlocks
Part Number
Without Screw Locks
With Boardlocks
Part Number
With Screw Locks
Without Boardlocks
Part Number
With Screw Locks
With Boardlocks
DE
5W1
DEMP5P1PVK87
DEMC5P1PVK87
DEMD5P1PVK87
DEMG5P1PVK87
DA
7W2
DAMP7P2PVK87
DAMC7P2PVK87
DAMD7P2PVK87
DAMG7P2PVK87
DA
11W1
DAMP11P1PVK87
DAMC11P1PVK87
DAMD11P1PVK87
DAMG11P1PVK87
DA
3W3
DAMP3P3PVK87
DAMC3P3PVK87
DAMD3P3PVK87
DAMG3P3PVK87
DA
3WK3
DAMP3PK3PVK87TM
DAMC3PK3PVK87TM
DAMD3PK3PVK87TM
DAMG3PK3PVK87TM
DB
5W5
DBMP5P5PVK87
DBMC5P5PVK87
DBMD5P5PVK87
DBMG5P5PVK87
DB
9W4
DBMP9P4PVK87
DBMC9P4PVK87
DBMD9P4PVK87
DBMG9P4PVK87
DB
13W3
DBMP13P3PVK87
DBMC13P3PVK87
DBMD13P3PVK87
DBMG13P3PVK87
DB
17W2
DBMP17P2PVK87
DBMC17P2PVK87
DBMD17P2PVK87
DBMG17P2PVK87
DB
21W1
DBMP21P1PVK87
DBMC21P1PVK87
DBMD21P1PVK87
DBMG21P1PVK87
DC
8W8
DCMP8P8PVK87
DCMC8P8PVK87
DCMD8P8PVK87
DCMG8P8PVK87
DC
13W6
DCMP13P6PVK87
DCMC13P6PVK87
DCMD13P6PVK87
DCMG13P6PVK87
DC
17W5
DCMP17P5PVK87
DCMC17P5PVK87
DCMD17P5PVK87
DCMG17P5PVK87
DC
21WA4
DCMP21PA4PVK87
DCMC21PA4PVK87
DCMD21PA4PVK87
DCMG21PA4PVK87
DC
25W3
DCMP25P3PVK87
DCMC25P3PVK87
DCMD25P3PVK87
DCMG25P3PVK87
DC
27W2
DCMP27P2PVK87
DCMC27P2PVK87
DCMD27P2PVK87
DCMG27P2PVK87
For M3 threads replace MP with MS, MC with ML, MD with MO, MG with MJ.
Notes: For tin plated PC tails add A226 (signal contacts only). Example DEMP5P1PVK87A226
For performance class 2 substitute K127 for K87. Example: DEMP5P1PVK127
Keyed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com