Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM53745-77 Datasheet(PDF) 53 Page - ITT Industries

Part # DM53745-77
Description  D Subminiature Connectors
PDF  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DM53745-77 Datasheet(HTML) 53 Page - ITT Industries

Back Button DM53745-77 Datasheet HTML 49Page - ITT Industries DM53745-77 Datasheet HTML 50Page - ITT Industries DM53745-77 Datasheet HTML 51Page - ITT Industries DM53745-77 Datasheet HTML 52Page - ITT Industries DM53745-77 Datasheet HTML 53Page - ITT Industries DM53745-77 Datasheet HTML 54Page - ITT Industries DM53745-77 Datasheet HTML 55Page - ITT Industries DM53745-77 Datasheet HTML 56Page - ITT Industries DM53745-77 Datasheet HTML 57Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
52
D Subminiature
Combo D
Coaxial Straight — Standard PC Tails (Sizes DE-DC)
75 Ohm Part Numbers* with Standoff #4-40 UNC
Shell Size
Layout
Part Number
Without Screw Locks
Without Boardlocks
Part Number
Without Screw Locks
With Boardlocks
Part Number
With Screw Locks
With Boardlocks
DE
5W1
DEMV5C1PNK87
DEMZ5C1PNK87
DEMN5C1PNK87
DA
7W2
DAMV7C2PNK87
DAMZ7C2PNK87
DAMN7C2PNK87
DA
11W1
DAMV11C1PNK87
DAMZ11C1PNK87
DAMN11C1PNK87
DA
3W3
DAMV3C3PNK87
DAMZ3C3PNK87
DAMN3C3PNK87
DA
3WK3
DAMV3CK3PNK87TM
DAMZ3CK3PNK87TM
DAMN3CK3PNK87TM
DB
5W5
DBMV5C5PNK87
DBMZ5C5PNK87
DBMN5C5PNK87
DB
9W4
DBMV9C4PNK87
DBMZ9C4PNK87
DBMN9C4PNK87
DB
13W3
DBMV13C3PNK87
DBMZ13C3PNK87
DBMN13C3PNK87
DB
17W2
DBMV17C2PNK87
DBMZ17C2PNK87
DBMN17C2PNK87
DB
21W1
DBMV21C1PNK87
DBMZ21C1PNK87
DBMN21C1PNK87
DC
8W8
DCMV8C8PNK87
DCMZ8C8PNK87
DCMN8C8PNK87
DC
13W6
DCMV13C6PNK87
DCMZ13C6PNK87
DCMN13C6PNK87
DC
17W5
DCMV17C5PNK87
DCMZ17C5PNK87
DCMN17C5PNK87
DC
21WA4
DCMV21CA4PNK87
DCMZ21CA4PNK87
DCMN21CA4PNK87
DC
25W3
DCMV25C3PNK87
DCMZ25C3PNK87
DCMN25C3PNK87
DC
27W2
DCMV27C2PNK87
DCMZ27C2PNK87
DCMN27C2PNK87
Notes: * For 50 Ohm Coaxial substitute X for C. Example: DEMV5X1PNK87
For contacts with 30 microinches gold substitute K127 for K87. Example: DEMN5C1PNK127
For DD shell sizes, see page 54.
Keyed.
Screw lock, boardlock, and signal contacts
removed for clarity
Screw lock, boardlock, and coaxial contact
removed for clarity
A
C
B
E
D
10
°
6,50
± 0,25
(.256
± .010)
Ø 0,76
(.030)
0,82
(.032)
3,45 (.136)
7,62
± 0,25
(.300
± .010)
SCREW LOCK
#4-40 UNC
2,92
(.115)
4,52 (.178)
STANDOFF
#4-40 UNC
BOARDLOCK
Ø 0,51
(.020)
0,62
(.024)
2,54
(.100)
L
F
W
2,84
(.112)
Plug
Engaging Face
Reader’s Resource
For contact cavity arrangements,
see page 222.
For P.C. hole patterns, see pages 238-239.
For panel cutouts, see page 221.
For alternate 50 Ohm coaxial configuration,
see page 225.
Dimensions
Shell Size
A
±0,38 (.015)
B
±0,13 (.005)
C
±0,13 (.005)
D
±0,13 (.005)
E
±0,38 (.015)
F
±0,25 (.010)
W
±0,368 (.0145)
W
±0,41 (.016)
L
±0,25 (.010)
DE
30,81 (1.213)
16,92 (.666)
24,99 (.984)
8,36 (.329)
12,55 (.494)
10,72 (.422)
6,693 (.2635)
—
0,76 (.030)
DA
39,14 (1.541)
25,25 (.994)
33,32 (1.312)
8,36 (.329)
12,55 (.494)
10,72 (.422)
6,693 (.2635)
—
0,76 (.030)
DB
53,04 (2.088)
38,96 (1.534)
47,04 (1.852)
8,36 (.329)
12,55 (.494)
10,82 (.426)
—
6,84 (.269)
0,99 (.039)
DC
69,32 (2.729)
55,42 (2.182)
63,50 (2.500)
8,36 (.329)
12,55 (.494)
10,82 (.426)
—
6,84 (.269)
0,99 (.039)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com