Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM53745-77 Datasheet(PDF) 71 Page - ITT Industries

Part # DM53745-77
Description  D Subminiature Connectors
PDF  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DM53745-77 Datasheet(HTML) 71 Page - ITT Industries

Back Button DM53745-77 Datasheet HTML 67Page - ITT Industries DM53745-77 Datasheet HTML 68Page - ITT Industries DM53745-77 Datasheet HTML 69Page - ITT Industries DM53745-77 Datasheet HTML 70Page - ITT Industries DM53745-77 Datasheet HTML 71Page - ITT Industries DM53745-77 Datasheet HTML 72Page - ITT Industries DM53745-77 Datasheet HTML 73Page - ITT Industries DM53745-77 Datasheet HTML 74Page - ITT Industries DM53745-77 Datasheet HTML 75Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
70
A
C
B
D
E
10
°
7.62
± 0,25
(.300
± .010)
Ø 0,60
(.024)
Ø 3,18
(.125)
6,50
± 0,25
(.256
± .010)
2,92
(.115)
BOARDLOCK
4,65
(.183)
SCREW LOCK
#4-40 UNC
4,52 (.178)
STANDOFF
#4-40 UNC
2,84
(.112)
L
W
F
D Subminiature
Combo D
40 A High Power Straight — European PC Tails (Sizes DE-DC)
Screw lock, boardlock, and high power contact
removed for clarity
Dimensions
Shell Size
A
±0,38 (.015)
B
±0,13 (.005)
C
±0,13 (.005)
D
±0,13 (.005)
E
±0,38 (.015)
F
±0,25 (.010)
W
±0,368 (.0145)
W
±0,41 (.016)
L
±0,25 (.010)
DE
30,81 (1.213)
16,92 (.666)
24,99 (.984)
8,36 (.329)
12,55 (.494)
10,72 (.422)
6,693 (.2635)
—
0,76 (.030)
DA
39,14 (1.541)
25,25 (.994)
33,32 (1.312)
8,36 (.329)
12,55 (.494)
10,72 (.422)
6,693 (.2635)
—
0,76 (.030)
DB
53,04 (2.088)
38,96 (1.534)
47,04 (1.852)
8,36 (.329)
12,55 (.494)
10,82 (.426)
—
6,84 (.269)
0,99 (.039)
DC
69,32 (2.729)
55,42 (2.182)
63,50 (2.500)
8,36 (.329)
12,55 (.494)
10,82 (.426)
—
6,84 (.269)
0,99 (.039)
Plug
Engaging Face
Reader’s Resource
For contact cavity arrangements,
see page 222.
For P.C. hole patterns, see pages 254-255.
For panel cutouts, see page 221.
Part Numbers with Standoff #4-40 UNC
Shell Size
Layout
Part Number
Without Screw Locks
Without Boardlocks
Part Number
Without Screw Locks
With Boardlocks
Part Number
With Screw Locks
With Boardlocks
DE
5W1
DEMV5H1PYK87
DEMZ5H1PYK87
DEMN5H1PYK87
DA
7W2
DAMV7H2PYK87
DAMZ7H2PYK87
DAMN7H2PYK87
DA
11W1
DAMV11H1PYK87
DAMZ11H1PYK87
DAMN11H1PYK87
DA
3W3
DAMV3H3PYK87
DAMZ3H3PYK87
DAMN3H3PYK87
DA
3WK3
DAMV3HK3PYK87TM
DAMZ3HK3PYK87TM
DAMN3HK3PYK87TM
DB
5W5
DBMV5H5PYK87
DBMZ5H5PYK87
DBMN5H5PYK87
DB
9W4
DBMV9H4PYK87
DBMZ9H4PYK87
DBMN9H4PYK87
DB
13W3
DBMV13H3PYK87
DBMZ13H3PYK87
DBMN13H3PYK87
DB
17W2
DBMV17H2PYK87
DBMZ17H2PYK87
DBMN17H2PYK87
DB
21W1
DBMV21H1PYK87
DBMZ21H1PYK87
DBMN21H1PYK87
DC
8W8
DCMV8H8PYK87
DCMZ8H8PYK87
DCMN8H8PYK87
DC
13W6
DCMV13H6PYK87
DCMZ13H6PYK87
DCMN13H6PYK87
DC
17W5
DCMV17H5PYK87
DCMZ17H5PYK87
DCMN17H5PYK87
DC
21WA4
DCMV21HA4PYK87
DCMZ21HA4PYK87
DCMN21HA4PYK87
DC
25W3
DCMV25H3PYK87
DCMZ25H3PYK87
DCMN25H3PYK87
DC
27W2
DCMV27H2PYK87
DCMZ27H2PYK87
DCMN27H2PYK87
For M3 threads replace MV with MT, MZ with MQ, MN with MU.
Notes: For tin plated PC tails add A226 (signal contacts only). Example: DEMV5H1PYK87A226
For performance class 2 substitute K127 for K87. Example: DEMV5H1PYK127
For DD shell sizes, see page 72.
Keyed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com