Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS2533 Datasheet(PDF) 12 Page - ams AG

Part # AS2533
Description  Multi-Standard CMOS Single Chip Telephone IC with Dual Soft Clipping
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS2533 Datasheet(HTML) 12 Page - ams AG

Back Button AS2533 Datasheet HTML 8Page - ams AG AS2533 Datasheet HTML 9Page - ams AG AS2533 Datasheet HTML 10Page - ams AG AS2533 Datasheet HTML 11Page - ams AG AS2533 Datasheet HTML 12Page - ams AG AS2533 Datasheet HTML 13Page - ams AG AS2533 Datasheet HTML 14Page - ams AG AS2533 Datasheet HTML 15Page - ams AG AS2533 Datasheet HTML 16Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
12
Rev. 7
July 1998
Data Sheet
AS2533...6
Operating Procedures
Procedure Principles
The procedures for utilizing the features of the AS253x are optimized out of consideration for the human factor in
order to:
- meet the user´s expectations
- be easy to learn and relearn
- not invoke any automatic functions which the user doesn´t expect
- protect the user from committing critial errors, e.g. dialling wrong numbers, deleting stored numbers, etc.
- be consistent, simple and usable.
The following pages describe the operating procedures for the provided features. Pressing an unvalid key or key
combination during programming will cause the device to abort the programme state. Pressing any key
combination or sequence which is not described or defined may cause the device to enter a state or mode that
does not comply with the expectation of the user. In such cases, any undesired state can be terminated at any time
by going on-hook / off-hook which will generate a functional reset.
Idle (on-hook,
no ringing)
Speech mode
Programming
False programme
entry
Invalid entry
TEXT
State according
to text
Privacy mute
X
sec
or
Time out (x sec.)
Dialling
(LD or MF)
Storing (writing
into RAM)
Processing
according to text
TEXT
reading from
memory
KEY
Going off-hook
Going on-hook
Pressing a key
Entering a
number
Entry according
to text
TEXT
Symbols
STATES
ENTRIES
PROCESSING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com