Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS2533 Datasheet(PDF) 13 Page - ams AG

Part # AS2533
Description  Multi-Standard CMOS Single Chip Telephone IC with Dual Soft Clipping
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS2533 Datasheet(HTML) 13 Page - ams AG

Back Button AS2533 Datasheet HTML 9Page - ams AG AS2533 Datasheet HTML 10Page - ams AG AS2533 Datasheet HTML 11Page - ams AG AS2533 Datasheet HTML 12Page - ams AG AS2533 Datasheet HTML 13Page - ams AG AS2533 Datasheet HTML 14Page - ams AG AS2533 Datasheet HTML 15Page - ams AG AS2533 Datasheet HTML 16Page - ams AG AS2533 Datasheet HTML 17Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
13
Rev. 7
July 1998
Data Sheet
AS2533...6
Programming Tone Ringer
(not AS2534E)
P/M
P/M
M1-12
Programme State
Speech circuit muted
LED flashing
#
Storing
Numbers
Any invalid key
entry will abort
programme
state
MR
Storing
Numbers
Digit
Repetition Rate
Volume
1
1 time (slow)
- 16 dB
2
1 time (slow)
- 7 dB
3
1 time (slow)
0 dB (max.)
4
4 times
- 16 dB
5
4 times
- 7 dB
6
4 times (default)
0 dB (max.)
7
10 times (fast)
- 16 dB
8
10 times (fast)
- 7 dB
9
10 times (fast)
0 dB (max.)
0
None
Off *
*) When digit 0 (tone ringer off) has been programmed,
the device will automatically return to the previous
setting (different from 0) by next off-hook.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com