Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS2533 Datasheet(PDF) 4 Page - ams AG

Part # AS2533
Description  Multi-Standard CMOS Single Chip Telephone IC with Dual Soft Clipping
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS2533 Datasheet(HTML) 4 Page - ams AG

  AS2533 Datasheet HTML 1Page - ams AG AS2533 Datasheet HTML 2Page - ams AG AS2533 Datasheet HTML 3Page - ams AG AS2533 Datasheet HTML 4Page - ams AG AS2533 Datasheet HTML 5Page - ams AG AS2533 Datasheet HTML 6Page - ams AG AS2533 Datasheet HTML 7Page - ams AG AS2533 Datasheet HTML 8Page - ams AG AS2533 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
4
Rev. 7
July 1998
Data Sheet
AS2533...6
Keyboard Connections
Key closure, R
ON max. = 1 kohm
Key open, R
OFF min. = 1 Mohm
(Either VOL or +/– keys)
P
P //M
M
1
1
2
2
3
3
4
4
5
5
6
6
7
7
8
8
9
9
0
0
**
#
#
R
R 1
1
R
R 2
2
R
R 3
3
L
L N
N R
R
V
V O
O L
L
+
+
A
A
B
B
C
C
D
D
R
R P
P
P
P S
S
T
T //P
P
C1
C2
C3
C4
R1
R2
R3
R4
Figure 2b (AS2534)
P
P //M
M
1
1
2
2
3
3
4
4
5
5
6
6
7
7
8
8
9
9
0
0
**
#
#
R
R 1
1
R
R 2
2
R
R 3
3
L
L N
N R
R
V
V O
O L
L
+
+
A
A
B
B
C
C
D
D
R
R P
P
P
P S
S
T
T //P
P
M
M 1
1
M
M 2
2
M
M 3
3
M
M 4
4
C1
C2
C3
C4
R1
R2
R3
R4
M
M R
R
Figure 2a (AS2533/6)
For AS2534E
P/M is MT key.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com