Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS2533 Datasheet(PDF) 2 Page - ams AG

Part # AS2533
Description  Multi-Standard CMOS Single Chip Telephone IC with Dual Soft Clipping
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS2533 Datasheet(HTML) 2 Page - ams AG

  AS2533 Datasheet HTML 1Page - ams AG AS2533 Datasheet HTML 2Page - ams AG AS2533 Datasheet HTML 3Page - ams AG AS2533 Datasheet HTML 4Page - ams AG AS2533 Datasheet HTML 5Page - ams AG AS2533 Datasheet HTML 6Page - ams AG AS2533 Datasheet HTML 7Page - ams AG AS2533 Datasheet HTML 8Page - ams AG AS2533 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
2
Rev. 7
July 1998
Data Sheet
AS2533...6
Pin Description
Pin #
Symbol
Function
23
M1
Microphone Inputs
24
M2
Differential inputs for the microphone (electret).
3RO
Receive Output
This is the output for driving a dynamic earpiece with an impedance of 140 to 300
Ω.
5A
GND
Analogue Ground
This is the analogue ground for the amplifiers.
28
RI
Receive Input
This is the input for the receive signal.
6
STB
Side Tone Balance Input
This is the input for side tone cancellation.
1LS
Line Current Sense Input
This is the input for sensing the line current.
27
LI
Line Input
This input is used for power extraction and line current sensing.
25
CS
Current Shunt Control Output
This N-channel open drain output controls the external high power shunt transistor for the
modulation of the line voltage and for shorting the line during make period of pulse dialling.
4V
DD
Positive Voltage Supply
This is the supply pin for the circuit.
26
V
SS
Negative Power Supply
8MO
Melody Output
PDM output of the melody generator for tone ringing. Hi-Z when not active.
21
FCI
Frequency Comparator Input
This is a Schmitt trigger input for ring frequency discrimination. Disabled during off-hook.
10
HS/DP
Hook Switch Input and Dial Pulse Output
This is an I/O that is pulled high by the hook switch when off-hook and an open drain pulls
it low during break periods of pulse dialling and flash.
11
OSC
Oscillator Input
Pin for ceramic resonator (3.58 MHz). Recommended: Murata CSA 3.58MG312AM.
9
LLC
Line Loss Compensation
Select pin for line loss compensation (see also figure 4 to 7).
LLC = A
GND: 20 - 50 mA
LLC = V
DD: 45 - 75 mA
LLC = V
SS: none.
22
LED
LED Output Driver
Output for driving an LED that will be flashing when in Programme/Mute state.
Continues…



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com