Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD1885 Datasheet(PDF) 8 Page - Analog Devices

Part # AD1885
Description  AC??7 SoundMAX Codec
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1885 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD1885 Datasheet HTML 4Page - Analog Devices AD1885 Datasheet HTML 5Page - Analog Devices AD1885 Datasheet HTML 6Page - Analog Devices AD1885 Datasheet HTML 7Page - Analog Devices AD1885 Datasheet HTML 8Page - Analog Devices AD1885 Datasheet HTML 9Page - Analog Devices AD1885 Datasheet HTML 10Page - Analog Devices AD1885 Datasheet HTML 11Page - Analog Devices AD1885 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
–8–
REV. 0
AD1885–SPECIFICATIONS
PIN FUNCTION DESCRIPTIONS
Digital I/O
Pin Name
LQFP
I/O
Description
XTL_IN
2
I
Crystal (or Clock) Input, 24.576 MHz.
XTL_OUT
3
O
Crystal Output.
SDATA_OUT
5
I
AC-Link Serial Data Output, AD1885 Input Stream.
BIT_ CLK
6
O/I
AC-Link Bit Clock. 12.288 MHz Serial Data Clock. Daisy Chain Input Clock.
SDATA_IN
8
O
AC-Link Serial Data Input. AD1885 Output Stream.
SYNC
10
I
AC-Link Frame Sync.
RESET
11
I
AC-Link Reset. AD1885 Master H/W Reset.
CHIP SELECTS
Pin Name
LQFP
Type
Description
ID0
45
I
Chip Select Input 0 (Active Low).
ID1
46
I
Chip Select Input 1 (Active Low).
JACK SENSES/EAPD/GENERAL-PURPOSE DIGITAL OUTPUTS
These signals can sense the presence of audio jacks in the line-out or headphones outputs, and automatically mute the other audio
outputs. JS0 can also be programmed for EAPD control. Alternatively, both pins can be programmed as general-purpose digital outputs.
Pin Name
LQFP
Type
Description
JS0
47
I/O
JACK Sense Input 0 (Mutes Mono Output).
JS1
48
I/O
JACK Sense Input 1 (Mutes Line_Out and Mono Outputs, or Line_Out Only).
Analog I/O
These signals connect the AD1885 component to analog sources and sinks, including microphones and speakers.
Pin Name
LQFP
I/O
Description
PC_BEEP
12
I
PC Beep. PC speaker beep passthrough.
PHONE_IN
13
I
Phone Input. From telephony subsystem speakerphone or handset.
AUX_L
14
I
Auxiliary Input Left Channel.
AUX_R
15
I
Auxiliary Input Right Channel.
VIDEO_L
16
I
Video Audio Left Channel.
VIDEO_R
17
I
Video Audio Right Channel.
CD_L
18
I
CD Audio Left Channel.
CD_GND_REF
19
I
CD Audio Analog Ground Reference for Differential CD Input.
CD_ R
20
I
CD Audio Right Channel.
MIC1
21
I
Microphone 1. Desktop microphone input.
MIC2
22
I
Microphone 2. Second microphone input.
LINE_IN_L
23
I
Line In Left Channel.
LINE_IN_R
24
I
Line In Right Channel.
LINE_OUT_L
35
O
Line Out Left Channel.
LINE_OUT_R
36
O
Line Out Right Channel.
MONO_OUT
37
O
Monaural Output to Telephony Subsystem Speakerphone.
HP_OUT_L
39
O
Headphones Out Left Channel.
HP_OUT_R
41
O
Headphones Out Right Channel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com