Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD1885 Datasheet(PDF) 26 Page - Analog Devices

Part # AD1885
Description  AC??7 SoundMAX Codec
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1885 Datasheet(HTML) 26 Page - Analog Devices

Back Button AD1885 Datasheet HTML 19Page - Analog Devices AD1885 Datasheet HTML 20Page - Analog Devices AD1885 Datasheet HTML 21Page - Analog Devices AD1885 Datasheet HTML 22Page - Analog Devices AD1885 Datasheet HTML 23Page - Analog Devices AD1885 Datasheet HTML 24Page - Analog Devices AD1885 Datasheet HTML 25Page - Analog Devices AD1885 Datasheet HTML 26Page - Analog Devices AD1885 Datasheet HTML 27Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 26 / 27 page
background image
AD1885
–26–
REV. 0
PC_BEEP INPUT CONNECTIONS
The recommended PC_BEEP input circuit is shown below. Under most cases the PC_BEEP signal should be attenuated, filtered and
then ac-coupled into the Codec.
TO CODEC PC_BEEP INPUT
PC_BEEP (FROM ICH)
Figure 17. Recommended PC_BEEP Connections
GROUNDING AND LAYOUT
To reduce noise and emissions, Analog Devices recommends a split ground plane as shown in Figure 18. The purpose of splitting
the ground plane is to create a low noise analog area that is somewhat isolated from the digital ground current noise generated
by the system’s logic. All the analog circuitry should be placed on the analog ground plane area.
For reference purposes, and to return power supply currents, the analog and digital ground planes must be connected at some point,
ideally a small bridge under or near the Codec should be provided. A 0
Ω resistor or a ferrite bead should also be considered since
these allow some flexibility in optimizing the layout to meet EMC requirements.
PIN 1
ISOLATION
TRENCH
CONNECT SPLIT GROUND
PLANES AT OR NEAR CODEC.
ANALOG
GROUND PLANE
DIGITAL
GROUND PLANE
AD1885
Figure 18. Recommended Split Ground Plane
ANALOG POWER SUPPLY
To minimize audio noise, the Codec analog power supply (AVDD) should be well decoupled and regulated. In PC systems it is rec-
ommended that the analog supply be derived from the 12 V PC power supply using a localized linear voltage regulator. Preferably,
the analog power supply should be connected to the Codec’s analog section using a ferrite bead.
If a power plane layer is being used in the system design, it is recommended that the analog power plane for the Codec also be split
(mirroring the analog ground plane). In this case, the analog power supply ferrite bead should bridge the isolation trench, close to
the Codec location.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com