Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD1885 Datasheet(PDF) 23 Page - Analog Devices

Part # AD1885
Description  AC??7 SoundMAX Codec
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1885 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD1885 Datasheet HTML 19Page - Analog Devices AD1885 Datasheet HTML 20Page - Analog Devices AD1885 Datasheet HTML 21Page - Analog Devices AD1885 Datasheet HTML 22Page - Analog Devices AD1885 Datasheet HTML 23Page - Analog Devices AD1885 Datasheet HTML 24Page - Analog Devices AD1885 Datasheet HTML 25Page - Analog Devices AD1885 Datasheet HTML 26Page - Analog Devices AD1885 Datasheet HTML 27Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 23 / 27 page
background image
AD1885
–23–
REV. 0
JACK SENSE OPERATION
The AD1885 features two Jack Sense pins (JS0 and JS1) that can be used to automatically mute the LINE_OUT and/or MONO_OUT
audio outputs. When the Jack Sense pins are connected to the output jacks, the AD1885 can sense whether an audio plug has been
inserted into a particular output jack and automatically mute the other unnecessary audio outputs.
The JS1 pin should normally be connected to the HP_OUT jack to automatically mute the MONO_OUT and LINE_OUT audio
signals, while the JS0 pin should normally be connected to the LINE_OUT jack to automatically mute the MONO_OUT signal. It is
also possible to set the D15 bit in the Jack Sense Index Register (72h), which causes JS1 to only mute the LINE_OUT signal. This
option may be desirable in certain audio configurations. Table I summarizes the Jack Sense operation.
Table I. Jack Sense Operation Table
HP_OUT Plug
LINE_OUT Plug
Audio Output States
Audio Output States
(JS1)
(JS0)
(REG 72h, D15 = 0)
(REG 72h, D15 = 1)
OUT
OUT
HP_OUT = ON
HP_OUT = ON
LINE_OUT = ON
LINE_OUT = ON
MONO_OUT = ON
MONO_OUT = ON
OUT
IN
HP_OUT = ON
HP_OUT = ON
LINE_OUT = ON
LINE_OUT = ON
MONO_OUT = MUTE
MONO_OUT = MUTE
IN
OUT
HP_OUT = ON
HP_OUT = ON
LINE_OUT = MUTE
LINE_OUT = MUTE
MONO_OUT = MUTE
MONO_OUT = ON
IN
IN
HP_OUT = ON
HP_OUT = ON
LINE_OUT = MUTE
LINE_OUT = MUTE
MONO_OUT = MUTE
MONO_OUT = MUTE
NOTE: PLUG IN = JACK SENSE HIGH, PLUG OUT = JACK SENSE LOW.
The Jack Sense inputs are active high and their functionality is enabled by default on CODEC power-up. If necessary, the Jack Sense
inputs can be individually disabled by writing to the D8 and D9 bits on the CODEC Jack Sense Index Register (72h).
The Jack Sense pins contain active internal pull-ups. If the Jack Sense inputs are not being used, they should be pulled down to
digital ground using 10 k
Ω resistors. This prevents LINE_OUT and MONO_OUT from becoming muted while the Jack Senses are
enabled.
CONNECTING THE JACK SENSES TO THE OUTPUT JACKS
Headphone Jack
The diagram on Figure 10 shows the preferred method to connect the JS1 Jack Sense line to the HP_OUT jack. This scheme requires
a stereo jack with a normally closed and isolated single switch. The switch holds the Jack Sense line low (grounded) until an audio
plug is inserted, causing the switch to open and the Jack Sense line to go high due to the CODEC internal pull-up. The R2 and R3
resistors keep the electrolytic output caps properly polarized while the HP_OUT jack is not used.
L1 600Z
L2 600Z
C4
470pF
C1
470pF
OPTIONAL EMC
COMPONENTS
ISOLATED
NC SWITCH
+
+
NOTE: LOCATE R1 CLOSE TO CODEC.
JACK SENSE LINE
TO CODEC JS1 (PIN 48)
FROM CODEC HP_OUT_R (PIN 41)
FROM CODEC HP_OUT_L (PIN 39)
HEADPHONE OUT
5
4
3
2
1
Figure 10. Jack Sense Connection to HP_OUT Jack, Using Isolated Switch
Alternatively, when an audio output jack containing an isolated switch is not available, the circuit shown on Figure 11 can be used.
While the audio plug is out, this circuit keeps the Jack Sense line state low, by the pull-down affect of R2 (with no audio present) or
by tracking the lower peaks of the HP_OUT audio signal. Once an audio plug is inserted and the jack switch opens, the Jack Sense
line switches to a high state due to the CODEC internal pull-up, which quickly charges C1 to DVDD.
The R2 and R3 resistors also keep the electrolytic output caps properly polarized while the HP_OUT jack is not used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com