Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5142ABCPZ10-RL7 Datasheet(PDF) 27 Page - Analog Devices

Part # AD5142ABCPZ10-RL7
Description  The AD5122A/AD5142A are available in a compact, 16-lead, 3 mm 횞 3 mm LFCSP and a 16-lead TSSOP.
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5142ABCPZ10-RL7 Datasheet(HTML) 27 Page - Analog Devices

Back Button AD5142ABCPZ10-RL7 Datasheet HTML 23Page - Analog Devices AD5142ABCPZ10-RL7 Datasheet HTML 24Page - Analog Devices AD5142ABCPZ10-RL7 Datasheet HTML 25Page - Analog Devices AD5142ABCPZ10-RL7 Datasheet HTML 26Page - Analog Devices AD5142ABCPZ10-RL7 Datasheet HTML 27Page - Analog Devices AD5142ABCPZ10-RL7 Datasheet HTML 28Page - Analog Devices AD5142ABCPZ10-RL7 Datasheet HTML 29Page - Analog Devices AD5142ABCPZ10-RL7 Datasheet HTML 30Page - Analog Devices AD5142ABCPZ10-RL7 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
Data Sheet
AD5122A/AD5142A
Rev. A | Page 27 of 32
If the part is configured in linear gain setting mode, the resistance
between Terminal W and Terminal A is directly proportional
to the code loaded in the associate RDAC register. The general
equations for this operation are
AD5122A:
W
AB
AW
R
R
D
D
R
128
)
(
From 0x00 to 0x7F (5)
AD5142A:
W
AB
AW
R
R
D
D
R
256
)
(
From 0x00 to 0xFF (6)
where:
D is the decimal equivalent of the binary code in the 7-bit/8-bit
RDAC register.
RAB is the end-to-end resistance.
RW is the wiper resistance.
In the bottom scale condition or top scale condition, a finite
total wiper resistance of 40 Ω is present. Regardless of which
setting the part is operating in, limit the current between
Terminal A to Terminal B, Terminal W to Terminal A, and
Terminal W to Terminal B, to the maximum continuous
current or to the pulse current specified in Table 5. Otherwise,
degradation or possible destruction of the internal switch
contact can occur.
PROGRAMMING THE POTENTIOMETER DIVIDER
Voltage Output Operation
The digital potentiometer easily generates a voltage divider at
wiper-to-B and wiper-to-A that is proportional to the input voltage
at A to B, as shown in Figure 39.
W
A
B
VA
VOUT
VB
Figure 39. Potentiometer Mode Configuration
Connecting Terminal A to 5 V and Terminal B to ground
produces an output voltage at the Wiper W to Terminal B
ranging from 0 V to 5 V. The general equation defining the
output voltage at VW with respect to ground for any valid
input voltage applied to Terminal A and Terminal B is
B
AB
AW
A
AB
WB
W
V
R
D
R
V
R
D
R
D
V
)
(
)
(
)
(
(7)
where:
RWB(D) can be obtained from Equation 1 and Equation 2.
RAW(D) can be obtained from Equation 3 and Equation 4.
Operation of the digital potentiometer in the divider mode
results in a more accurate operation over temperature. Unlike
the rheostat mode, the output voltage is dependent mainly on
the ratio of the internal resistors, RAW and RWB, and not the
absolute values. Therefore, the temperature drift reduces to
5 ppm/°C.
TERMINAL VOLTAGE OPERATING RANGE
The AD5122A/AD5142A are designed with internal ESD diodes
for protection. These diodes also set the voltage boundary of
the terminal operating voltages. Positive signals present on
Terminal A, Terminal B, or Terminal W that exceed VDD are
clamped by the forward-biased diode. There is no polarity
constraint between VA, VW, and VB, but they cannot be higher
than VDD or lower than VSS.
VDD
A
W
B
VSS
Figure 40. Maximum Terminal Voltages Set by VDD and VSS
POWER-UP SEQUENCE
Because there are diodes to limit the voltage compliance at
Terminal A, Terminal B, and Terminal W (see Figure 40), it is
important to power up VDD first before applying any voltage to
Terminal A, Terminal B, and Terminal W. Otherwise, the diode
is forward-biased such that VDD is powered unintentionally. The
ideal power-up sequence is VSS, VDD, VLOGIC, digital inputs, and
VA, VB, and VW. The order of powering VA, VB, VW, and digital
inputs is not important as long as they are powered after VSS,
VDD, and VLOGIC. Regardless of the power-up sequence and the
ramp rates of the power supplies, once VDD is powered, the
power-on preset activates, which restores EEPROM values to
the RDAC registers.
LAYOUT AND POWER SUPPLY BIASING
It is always a good practice to use a compact, minimum lead
length layout design. Ensure that the leads to the input are as
direct as possible with a minimum conductor length. Ground
paths should have low resistance and low inductance. It is also
good practice to bypass the power supplies with quality capacitors.
Apply low equivalent series resistance (ESR) 1 μF to 10 μF
tantalum or electrolytic capacitors at the supplies to minimize
any transient disturbance and to filter low frequency ripple.
Figure 41 illustrates the basic supply bypassing configuration
for the AD5122A/AD5142A.
VDD VLOGIC
VDD
+
VSS
C1
0.1µF
C3
10µF
+
C2
0.1µF
C4
10µF
VSS
VLOGIC
+
C5
0.1µF
C6
10µF
AD5122A/
AD5142A
GND
Figure 41. Power Supply Bypassing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com