Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5142ABCPZ10-RL7 Datasheet(PDF) 1 Page - Analog Devices

Part # AD5142ABCPZ10-RL7
Description  The AD5122A/AD5142A are available in a compact, 16-lead, 3 mm 횞 3 mm LFCSP and a 16-lead TSSOP.
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5142ABCPZ10-RL7 Datasheet(HTML) 1 Page - Analog Devices

  AD5142ABCPZ10-RL7 Datasheet HTML 1Page - Analog Devices AD5142ABCPZ10-RL7 Datasheet HTML 2Page - Analog Devices AD5142ABCPZ10-RL7 Datasheet HTML 3Page - Analog Devices AD5142ABCPZ10-RL7 Datasheet HTML 4Page - Analog Devices AD5142ABCPZ10-RL7 Datasheet HTML 5Page - Analog Devices AD5142ABCPZ10-RL7 Datasheet HTML 6Page - Analog Devices AD5142ABCPZ10-RL7 Datasheet HTML 7Page - Analog Devices AD5142ABCPZ10-RL7 Datasheet HTML 8Page - Analog Devices AD5142ABCPZ10-RL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
Dual Channel, 128-/256-Position, I2C,
Nonvolatile Digital Potentiometer
Data Sheet
AD5122A/AD5142A
Rev. A
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2012 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
10 kΩ and 100 kΩ resistance options
Resistor tolerance: 8% maximum
Wiper current: ±6 mA
Low temperature coefficient: 35 ppm/°C
Wide bandwidth: 3 MHz
Fast start-up time < 75 μs
Linear gain setting mode
Single- and dual-supply operation
Independent logic supply: 1.8 V to 5.5 V
Wide operating temperature: −40°C to +125°C
3 mm × 3 mm package option
4 kV ESD protection
APPLICATIONS
Portable electronics level adjustment
LCD panel brightness and contrast controls
Programmable filters, delays, and time constants
Programmable power supplies
FUNCTIONAL BLOCK DIAGRAM
VDD
INDEP
VSS
GND
VLOGIC
7/8
SERIAL
INTERFACE
POWER-ON
RESET
RDAC1
INPUT
REGISTER 1
RDAC2
INPUT
REGISTER 2
EEPROM
MEMORY
A1
W1
B1
A2
W2
B2
AD5122A/
AD5142A
SCL
SDA
RESET
ADDR1
ADDR0
Figure 1.
GENERAL DESCRIPTION
The AD5122A/AD5142A potentiometers provide a nonvolatile
solution for 128-/256-position adjustment applications, offering
guaranteed low resistor tolerance errors of ±8% and up to ±6 mA
current density in the Ax, Bx, and Wx pins.
The low resistor tolerance and low nominal temperature coefficient
simplify open-loop applications as well as applications requiring
tolerance matching.
The linear gain setting mode allows independent programming
of the resistance between the digital potentiometer terminals,
through RAW and RWB the string resistors, allowing very accurate
resistor matching.
The high bandwidth and low total harmonic distortion (THD)
ensure optimal performance for ac signals, making it suitable
for filter design.
The low wiper resistance of only 40 Ω at the ends of the resistor
array allows for pin-to-pin connection.
The wiper values can be set through an I2C-compatible digital
interface that is also used to read back the wiper register and
EEPROM contents.
The AD5122A/AD5142A are available in a compact, 16-lead,
3 mm × 3 mm LFCSP and a 16-lead TSSOP. The parts are
guaranteed to operate over the extended industrial temperature
range of −40°C to +125°C.
Table 1. Family Models
Model
Channel
Position
Interface
Package
AD51231
Quad
128
I2C
LFCSP
AD5124
Quad
128
SPI/I2C
LFCSP
AD5124
Quad
128
SPI
TSSOP
AD51431
Quad
256
I2C
LFCSP
AD5144
Quad
256
SPI/I2C
LFCSP
AD5144
Quad
256
SPI
TSSOP
AD5144A
Quad
256
I2C
TSSOP
AD5122
Dual
128
SPI
LFCSP/TSSOP
AD5122A
Dual
128
I2C
LFCSP/TSSOP
AD5142
Dual
256
SPI
LFCSP/TSSOP
AD5142A
Dual
256
I2C
LFCSP/TSSOP
AD5121
Single
128
SPI/I2C
LFCSP
AD5141
Single
256
SPI/I2C
LFCSP
1 Two potentiometers and two rheostats.


Similar Part No. - AD5142ABCPZ10-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5142ABCPZ10-RL7 AD-AD5142ABCPZ10-RL7 Datasheet
768Kb / 32P
Dual Channel, 128-/256-Position, I2C, Nonvolatile Digital Potentiometer
6/2017-Rev. A to Rev. B
AD5142ABCPZ10-RL7 AD-AD5142ABCPZ10-RL7 Datasheet
1Mb / 29P
Dual Channel, 128-/256-Position, I2C, Nonvolatile Digital Potentiometer
Rev. D
More results

Similar Description - AD5142ABCPZ10-RL7

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40222 TI-TPS40222 Datasheet
700Kb / 26P
1.6-A, 1.25-MHz BUCK CONVERTER IN A 3 mm 3 mm SON PACKAGE
logo
Analog Devices
AD5678 AD-AD5678 Datasheet
895Kb / 28P
4 횞 12-Bit and 4 횞 16-Bit Octal DAC with On-Chip Reference in 14-Lead TSSOP
11/05-Rev. 0 to Rev. A
logo
Estek Electronics Co. L...
24C64 ESTEK-24C64_1 Datasheet
1Mb / 12P
available in space-saving 8-lead PDIP, 8-lead SOP, and 8-lead TSSOP packages
logo
Texas Instruments
TLV620612-Q1 TI1-TLV620612-Q1 Datasheet
1Mb / 27P
3-MHz 2-A Step-Down Converter in 2-mm 횞 2-mm SON Package
TPS62140 TI1-TPS62140 Datasheet
1Mb / 34P
3-V to 17-V 2-A Step-Down Converter in 3-mm 횞 3-mm QFN Package
logo
Analog Devices
ADG721 AD-ADG721_11 Datasheet
274Kb / 16P
CMOS, Low Voltage, 4 廓 Dual SPST Switches in 3 mm 횞 2 mm LFCSP
Rev. E
logo
Texas Instruments
TPS62150 TI-TPS62150_15 Datasheet
1Mb / 39P
TPS6215x 3-V to 17-V, 1-A Step-Down Converter in 3-mm 횞 3-mm QFN Package
TLV62085 TI1-TLV62085_16 Datasheet
417Kb / 22P
High Efficiency 3-A Step-Down Converter in 2-mm 횞 2-mm VSON Package
TPS62150 TI1-TPS62150_16 Datasheet
2Mb / 43P
3-V to 17-V, 1-A Step-Down Converter in 3-mm 횞 3-mm QFN Package
logo
Analog Devices
UG-042 AD-UG-042 Datasheet
526Kb / 8P
Evaluating the 16-Lead SOIC and the 16-Lead QSOP Digital Isolators
Rev. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com