Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5142ABCPZ10-RL7 Datasheet(PDF) 13 Page - Analog Devices

Part # AD5142ABCPZ10-RL7
Description  The AD5122A/AD5142A are available in a compact, 16-lead, 3 mm 횞 3 mm LFCSP and a 16-lead TSSOP.
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5142ABCPZ10-RL7 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD5142ABCPZ10-RL7 Datasheet HTML 9Page - Analog Devices AD5142ABCPZ10-RL7 Datasheet HTML 10Page - Analog Devices AD5142ABCPZ10-RL7 Datasheet HTML 11Page - Analog Devices AD5142ABCPZ10-RL7 Datasheet HTML 12Page - Analog Devices AD5142ABCPZ10-RL7 Datasheet HTML 13Page - Analog Devices AD5142ABCPZ10-RL7 Datasheet HTML 14Page - Analog Devices AD5142ABCPZ10-RL7 Datasheet HTML 15Page - Analog Devices AD5142ABCPZ10-RL7 Datasheet HTML 16Page - Analog Devices AD5142ABCPZ10-RL7 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
Data Sheet
AD5122A/AD5142A
Rev. A | Page 13 of 32
1
2
3
4
5
6
7
8
INDEP
A1
W1
B1
RESET
A2
VSS
GND
16
15
14
13
12
11
10
9
ADDR1
SDA
SCL
VLOGIC
VDD
W2
B2
AD5122A/
AD5142A
TOP VIEW
(Not to Scale)
ADDR0
Figure 5. 16-Lead TSSOP Pin Configuration
Table 8. 16-Lead TSSOP Pin Function Descriptions
Pin No.
Mnemonic
Description
1
INDEP
Linear Gain Setting Mode at Power-Up. Each string resistor is loaded from its associated memory location.
If INDEP is enabled, it cannot be disabled by the software.
2
RESET
Hardware Reset Pin. Refresh the RDAC registers from EEPROM. RESET is activated at logic low.
If this pin is not used, tie RESET to VLOGIC.
3
GND
Ground Pin, Logic Ground Reference.
4
A1
Terminal A of RDAC1. VSS ≤ VA ≤ VDD.
5
W1
Wiper Terminal of RDAC1. VSS ≤ VW ≤ VDD.
6
B1
Terminal B of RDAC1. VSS ≤ VB ≤ VDD.
7
VSS
Negative Power Supply. Decouple this pin with 0.1 µF ceramic capacitors and 10 µF capacitors.
8
A2
Terminal A of RDAC2. VSS ≤ VA ≤ VDD.
9
W2
Wiper Terminal of RDAC2. VSS ≤ VW ≤ VDD.
10
B2
Terminal B of RDAC2. VSS ≤ VB ≤ VDD.
11
VDD
Positive Power Supply. Decouple this pin with 0.1 µF ceramic capacitors and 10 µF capacitors.
12
VLOGIC
Logic Power Supply; 1.8 V to VDD. Decouple this pin with 0.1 µF ceramic capacitors and 10 µF capacitors.
13
SCL
Serial Clock Line.
14
SDA
Serial Data Input/Output.
15
ADDR1
Programmable Address (ADDR1) for Multiple Package Decoding.
16
ADDR0
Programmable Address (ADDR0) for Multiple Package Decoding.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com