Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VCM-DAS-3 Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part # VCM-DAS-3
Description  The VCM-DAS-3 is a PC/104-format data acquisition board that provides analog outputs and digital I/O for process control and other applications.
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

VCM-DAS-3 Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button VCM-DAS-3 Datasheet HTML 16Page - List of Unclassifed Manufacturers VCM-DAS-3 Datasheet HTML 17Page - List of Unclassifed Manufacturers VCM-DAS-3 Datasheet HTML 18Page - List of Unclassifed Manufacturers VCM-DAS-3 Datasheet HTML 19Page - List of Unclassifed Manufacturers VCM-DAS-3 Datasheet HTML 20Page - List of Unclassifed Manufacturers VCM-DAS-3 Datasheet HTML 21Page - List of Unclassifed Manufacturers VCM-DAS-3 Datasheet HTML 22Page - List of Unclassifed Manufacturers VCM-DAS-3 Datasheet HTML 23Page - List of Unclassifed Manufacturers VCM-DAS-3 Datasheet HTML 24Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 42 page
background image
Bit Mode Configuration
VCM-DAS-3 Reference Manual
15
Bit Mode Configuration
The VCM-DAS-3 can operate using 8-bit or16-bit ISA transactions. For compatibility with 8-bit
ISA buses, you must set the VCM-DAS-3 to use 8-bit ISA transactions.
Jumper V1[15-16] selects the bit mode. When a jumper is present, the board will operate on
either 16-bit or 8-bit ISA bus. When the jumper is removed, the board is forced to perform only
8-bit ISA transactions. The default setting is jumper installed.
Enhanced Mode Configuration
Jumper V1[13-14] enables you to select between compatible or enhanced modes. A jumper
installed on V1[13-14] sets the VCM-DAS-3 to enhanced mode. When no jumper is installed, the
board operates in compatible mode. The default mode is enhanced.
In compatible mode, eight registers are decoded for use, including all the registers needed for
DAC and DIO operations and control. These registers are identical to those provided by the
Diamond Systems Ruby-MM, and enable full compatibility in applications designed with that
board. In this mode, analog output ranges are determined by jumper settings (in two banks of
eight registers) and are not software programmable.
Enhanced mode provides three additional registers for more specific control of DAC operations.
The ENH_CON register enables you to set spans for specific DAC channels, read DAC data and
spans, set DAC channels to sleep mode for power savings, and set and read the gain for all
channels.
Power-up Span Range Configuration
Jumper block V2 sets the initial span range for A/D channels 7-0. Jumper block V3 sets the initial
span range for A/D channels 15-8. (See Table 5 for a list of settings.) The span range can be set
differently for each 8-channel bank. Within each bank, all channels will have the same initial
span range; however, in enhanced mode, ranges can be set individually for each channel via
software.
Two unipolar output ranges (0V to 5V and 0V to 10V), and four bipolar ranges (±2.5V, ±5V,
±10V and -2.5V to 7.5V) are available.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com