Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VCM-DAS-3 Datasheet(PDF) 33 Page - List of Unclassifed Manufacturers

Part # VCM-DAS-3
Description  The VCM-DAS-3 is a PC/104-format data acquisition board that provides analog outputs and digital I/O for process control and other applications.
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

VCM-DAS-3 Datasheet(HTML) 33 Page - List of Unclassifed Manufacturers

Back Button VCM-DAS-3 Datasheet HTML 29Page - List of Unclassifed Manufacturers VCM-DAS-3 Datasheet HTML 30Page - List of Unclassifed Manufacturers VCM-DAS-3 Datasheet HTML 31Page - List of Unclassifed Manufacturers VCM-DAS-3 Datasheet HTML 32Page - List of Unclassifed Manufacturers VCM-DAS-3 Datasheet HTML 33Page - List of Unclassifed Manufacturers VCM-DAS-3 Datasheet HTML 34Page - List of Unclassifed Manufacturers VCM-DAS-3 Datasheet HTML 35Page - List of Unclassifed Manufacturers VCM-DAS-3 Datasheet HTML 36Page - List of Unclassifed Manufacturers VCM-DAS-3 Datasheet HTML 37Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 42 page
background image
Analog Output Data Representation
VCM-DAS-3 Reference Manual
28
OFFSET BINARY CODING
The formulas for calculating analog or straight binary digital values are given by:
Where:
Analog = Applied voltage
Digital
= A/D conversion data
Offset1 = 2048 for symmetrical ranges
1024 for asymmetrical range
Step
= 0.00122070313 for ±2.5V range
0.00244140625 for ±5V and -2.5 to +7.5 ranges
0.0048828125 for ±10V range
Offset2 = 2.5 for ±2.5V and -2.5 to +7.5 ranges
5 for ±5V
10 for ±10V range
Table 20: Offset Binary Data Format – Symmetrical Ranges
±2.5V
Output
Voltage
±5V
Output
Voltage
±10V
Output
Voltage
Hex
Decimal
Comment
+2.5000
+5.0000
+10.0000
–
–
Out of range
+2.4987
+4.9975
+9.9951
FFFh
4095
Maximum positive voltage
+1.2500
+2.5000
+5.0000
C00h
3072
Positive half scale
+0.6250
+1.2500
+2.5000
A00h
2560
Positive quarter scale
+0.00122
+0.00244
+0.00488
801h
2049
Positive 1 LSB
0.0000
0.0000
0.0000
800h
2048
Zero (ground voltage)
-
0.00122
-
0.00244
-
0.00488
7FFh
2047
Negative 1 LSB
-
0.6250
-
1.2500
-
2.5000
600h
1536
Negative quarter scale
-
1.2500
-
2.5000
-
5.0000
400h
1024
Negative half scale
-
2.5000
-
5.0000
-
10.0000
000h
0
Maximum negative voltage
Digital =
Analog = (Step x Digital) - Offset2
+ Offset1
Analog
Step



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com