Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD73322AST Datasheet(PDF) 40 Page - Analog Devices

Part # AD73322AST
Description  Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD73322AST Datasheet(HTML) 40 Page - Analog Devices

Back Button AD73322AST Datasheet HTML 35Page - Analog Devices AD73322AST Datasheet HTML 36Page - Analog Devices AD73322AST Datasheet HTML 37Page - Analog Devices AD73322AST Datasheet HTML 38Page - Analog Devices AD73322AST Datasheet HTML 39Page - Analog Devices AD73322AST Datasheet HTML 40Page - Analog Devices AD73322AST Datasheet HTML 41Page - Analog Devices AD73322AST Datasheet HTML 42Page - Analog Devices AD73322AST Datasheet HTML 43Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 40 / 43 page
background image
AD73322
–40–
REV. B
APPENDIX C
Configuring an AD73322 to Operate in Mixed Mode
1
This section describes a typical sequence of control words that
would be sent to an AD73322 to configure it for operation in
mixed mode. It is not intended to be a definitive initialization
sequence, but will show users the typical input/output events
that occur in the programming and operation phases
2. This
description panel refers to Table XXIV.
Steps 1–5 detail the transfer of the control words to Control
Register A, which programs the device for Mixed-Mode opera-
tion. In Step 1, we have the first output sample event following
device reset. The SDOFS signal is simultaneously raised on
both channels, which prepares the DSP Rx register to accept the
ADC word from Channel 2 while SDOFS from Channel 1
becomes an SDIFS to Channel 2. The cascade is configured
as nonFSLB, which means that the DSP has control over
what is transmitted to the cascade
3 and in this case we will not
transmit to the devices until both output words have been re-
ceived from the AD73322.
In Step 2, we observe the status of the channels following the
reception of the Channel 2 output word. The DSP has received
the ADC word from Channel 2, while Channel 2 has received
the output word from Channel 1. At this stage, the SDOFS of
Channel 2 is again raised because Channel 2 has received Chan-
nel 1’s output word and, as it is not addressed to Channel 2, it
is passed on to the DSP.
In Step 3 the DSP has now received both ADC words. Typi-
cally, an interrupt will be generated following reception of the
two output words by the DSP (this involves programming the
DSP to use autobuffered transfers of two words). The transmit
register of the DSP is loaded with the control word destined for
Channel 2. This generates a transmit frame-sync (TFS) that is
input to the SDIFS input of the AD73322 to indicate the start
of transmission.
In Step 4, Channel 1 now contains the Control Word destined
for Channel 2. The address field is decremented, SDOFS1 is
raised (internally) and the Control word is passed on to Chan-
nel 2. The Tx register of the DSP has now been updated with
the Control Word destined for Channel 1 (this can be done
using autobuffering of transmit or by handling transmit inter-
rupts following each word sent).
In Step 5 each channel has received a control word that ad-
dresses Control Register A and sets the device count field equal
to two channels and programs the channels into Mixed Mode—
MM and PGM/DATA set to one.
Following Step 5, the device has been programmed into mixed-
mode although none of the analog sections have been powered
up (controlled by Control Register C). Steps 6–10 detail update
of Control register B in mixed-mode. In Steps 6–8, the ADC
samples, which are invalid as the ADC section is not yet powered
up, are transferred to the DSP’s Rx section. In the subsequent
interrupt service routine the Tx register is loaded with the con-
trol word for Channel 2. In Steps 9–10, Channels 1 and 2 are
loaded with a control word setting for Control Register B which
programs DMCLK = MCLK, the sampling rate to
DMCLK/256, SCLK = DMCLK/2.
Steps 11–17 are similar to Steps 6–12 except that Control Reg-
ister C is programmed to power up all analog sections (ADC,
DAC, Reference = 2.4 V, REFOUT). In Steps 16–17, DAC
words are sent to the device—both DAC words are necessary as
each channel will only update its DAC when the device has
counted a number of SDIFS pulses, accompanied by DAC
words (in mixed-mode, the MSB = 0), that is equal to the de-
vice count field of Control Register A
4. As the channels are in
mixed mode, the serial port interrogates the MSB of the 16-bit
word sent to determine whether it contains DAC data or control
information. DAC words should be sent in the sequence Chan-
nel 2 followed by Channel 1.
Steps 11–17 illustrate the implementation of Control Register
update and DAC update in a single sample period. Note that
this combination is not possible in the FSLB configuration
3.
Steps 18–25 illustrate a Control Register readback cycle. In Step
22, both channels have received a Control Word that addresses
Control Register C for readback (Bit 14 of the Control Word =
1). When the channels receive the readback request, the register
contents are loaded to the serial registers as shown in Step 23.
SDOFS is raised in both channels, which causes these readback
words to be shifted out toward the DSP. In Step 24, the DSP
has received the Channel 2 readback word while Channel 2 has
received the Channel 1 readback word (note that the address
field in both words has been decremented to 111b). In Step 25,
the DSP has received the Channel 1 readback word (its ad-
dress field has been further decremented to 110b).
Steps 26–30 detail an ADC and DAC update cycle using the
nonFSLB configuration. In this case no Control Register update
is required.
NOTES
1Channel 1 and Channel 2 of the description refer to the two AFE sections of
the AD73322 device.
2This sequence assumes that the DSP SPORT’s Rx and Tx interrupts are
enabled. It is important to ensure there is no latency (separation) between
control words in a cascade configuration. This is especially the case when
programming Control Registers A and B.
3Mixed mode operation with the FSLB configuration is more restricted in that
the number of words sent to the cascade equals the number of channels in the
cascade, which means that DAC updates may need to be substituted with a
register write or read. Using the FSLB configuration introduces a corruption of
the ADC samples in the sample period following a Control Register write. This
corruption is predictable and can be corrected in the DSP. The ADC word is
treated as a Control Word and the Device Address field is decremented in each
channel that it passes through before being returned to the DSP.
4In mixed mode, DAC update is done using the same SDIFS counting scheme
as in normal data mode with the exception that only DAC words (MSB set to
zero) are recognized as being able to increment the frame sync counters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com