| Electronic Components Datasheet Search |
|
AD73322AST Datasheet(PDF) 20 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD73322AST Datasheet(HTML) 20 Page - Analog Devices |
|
20 / 43 page ![]() AD73322 –20– REV. B Table XII. Control Register Map Address (Binary) Name Description Type Width Reset Setting (Hex) 000 CRA Control Register A R/W 8 0x00 001 CRB Control Register B R/W 8 0x00 010 CRC Control Register C R/W 8 0x00 011 CRD Control Register D R/W 8 0x00 100 CRE Control Register E R/W 8 0x00 101 CRF Control Register F R/W 8 0x00 110 CRG Control Register G R/W 8 0x00 111 CRH Control Register H R/W 8 0x00 Table XIII. Control Word Description 15 14 13 12 11 10 9 8765 4321 0 C/D R/W Device Address Register Address Register Data Control Frame Description Bit 15 Control/Data When set high, it signifies a control word in Program or Mixed Program/Data Modes. When set low, it signifies a data word in Mixed Program/Data Mode or an invalid control word in Program Mode. Bit 14 Read/Write When set low, it tells the device that the data field is to be written to the register selected by the register field setting provided the address field is zero. When set high, it tells the device that the selected register is to be written to the data field in the input serial register and that the new control word is to be output from the device via the serial output. Bits 13–11 Device Address This 3-bit field holds the address information. Only when this field is zero is a device se- lected. If the address is not zero, it is decremented and the control word is passed out of the device via the serial output. Bits 10–8 Register Address This 3-bit field is used to select one of the eight control registers on the AD73322. Bits 7–0 Register Data This 8-bit field holds the data that is to be written to or read from the selected register provided the address field is zero. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |