Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD73322AST Datasheet(PDF) 24 Page - Analog Devices

Part # AD73322AST
Description  Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD73322AST Datasheet(HTML) 24 Page - Analog Devices

Back Button AD73322AST Datasheet HTML 20Page - Analog Devices AD73322AST Datasheet HTML 21Page - Analog Devices AD73322AST Datasheet HTML 22Page - Analog Devices AD73322AST Datasheet HTML 23Page - Analog Devices AD73322AST Datasheet HTML 24Page - Analog Devices AD73322AST Datasheet HTML 25Page - Analog Devices AD73322AST Datasheet HTML 26Page - Analog Devices AD73322AST Datasheet HTML 27Page - Analog Devices AD73322AST Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 43 page
background image
AD73322
–24–
REV. B
OPERATION
Resetting the AD73322
The RESET pin resets all the control registers. All registers are
reset to zero, indicating that the default SCLK rate (DMCLK/
8) and sample rate (DMCLK/2048) are at a minimum to ensure
that slow speed DSP engines can communicate effectively. As
well as resetting the control registers using the RESET pin, the
device can be reset using the RESET bit (CRA:7) in Control
Register A. Both hardware and software resets require four
DMCLK cycles. On reset, DATA/PGM (CRA:0) is set to 0
(default condition) thus enabling Program Mode. The reset
conditions ensure that the device must be programmed to the
correct settings after power-up or reset. Following a reset, the
SDOFS will be asserted 2048 DMCLK cycles after RESET
going high. The data that is output following reset and during
Program Mode is random and contains no valid information
until either data or mixed mode is set.
Power Management
The individual functional blocks of the AD73322 can be en-
abled separately by programming the power control register
CRC. It allows certain sections to be powered down if not re-
quired, which adds to the device’s flexibility in that the user
need not incur the penalty of having to provide power for a
certain section if it is not necessary to their design. The power
control registers provide individual control settings for the major
functional blocks on each codec unit and also a global override
that allows all sections to be powered up by setting the bit.
Using this method the user could, for example, individually
enable a certain section, such as the reference (CRC:5), and
disable all others. The global power-up (CRC:0) can be used to
enable all sections, but if power-down is required using the
global control, the reference will still be enabled, in this case,
because its individual bit is set. Refer to Table XVI for details of
the settings of CRC.
NOTE: As both codec units share a common reference, the
reference control bits (CRC:5-7) in each SPORT are wire ORed
to allow either device to control the reference.
Operating Modes
There are three main modes of operation available on the AD73322;
Program, Data and Mixed Program/Data modes. Two other
operating modes are typically reserved as diagnostic modes:
Digital and SPORT Loop-Back. The device configuration—
register settings—can be changed only in Program and Mixed
Program/Data Modes. In all modes, transfers of information to
or from the device occur in 16-bit packets, therefore the DSP
engine’s SPORT will be programmed for 16-bit transfers.
Program (Control) Mode
In Program Mode, CRA:0 = 0, the user writes to the control
registers to set up the device for desired operation—SPORT
operation, cascade length, power management, input/output
gain, etc. In this mode, the 16-bit information packet sent to the
device by the DSP engine is interpreted as a control word whose
format is shown in Table XIII. In this mode, the user must
address the device to be programmed using the address field of
the control word. This field is read by the device and if it is zero
(000 bin), the device recognizes the word as being addressed to
it. If the address field is not zero, it is then decremented and the
control word is passed out of the device—either to the next device
in a cascade or back to the DSP engine. This 3-bit address
format allows the user to uniquely address any one of up to
eight devices in a cascade; please note that this addressing
scheme is valid only in sending control information to the device
—a different format is used to send DAC data to the device(s).
As the AD73322 is a dual codec, it features two separate device
addresses for programming purposes. If the AD73322 is used in
a standalone configuration connected to a DSP, the two device
addresses correspond to 0 and 1. If, on the other hand, the
AD73322 is configured in a cascade of multiple, dual or single
codecs (AD73322 or AD73311), its device addresses corre-
spond with its hardwired position in the cascade.
Following reset, when the SE pin is enabled, the codec responds
by raising the SDOFS pin to indicate that an output sample
event has occurred. Control words can be written to the device
to coincide with the data being sent out of the SPORT, as
shown in Figure 15, or they can lag the output words by a time
interval that should not exceed the sample interval. After reset,
output frame sync pulses will occur at a slower default sample
rate, which is DMCLK/2048, until Control Register B is
programmed, after which the SDOFS pulses will be set ac-
cording to the contents of DIR0-1. This is to allow slow con-
troller devices to establish communication with the AD73322.
During Program Mode, the data output by the device is random
and should not be interpreted as ADC data.
SAMPLE WORD (DEVICE 2)
SE
SDOFS
SCLK
SDO
SDIFS
SDI
SAMPLE WORD (DEVICE 1)
CONTROL WORD (DEVICE 2)
CONTROL WORD (DEVICE 1)
Figure 15. Interface Signal Timing for Control Mode
Operation
Data Mode
Once the device has been configured by programming the cor-
rect settings to the various control registers, the device may exit
Program Mode and enter Data Mode. This is done by program-
ming the DATA/PGM (CRA:0) bit to a 1 and MM (CRA:1) to
0. Once the device is in Data Mode, the 16-bit input data frame
is now interpreted as DAC data rather than a control frame.
This data is therefore loaded directly to the DAC register. In
Data Mode, see Figure 16, as the entire input data frame con-
tains DAC data, the device relies on counting the number of
input frame syncs received at the SDIFS pin. When that num-
ber equals the device count stored in the device count field of
CRA, the device knows that the present data frame being re-
ceived is its own DAC update data. When the device is in nor-
mal Data Mode (i.e., mixed mode disabled), it must receive a
hardware reset to reprogram any of the control register settings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com