Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7705 Datasheet(PDF) 12 Page - Analog Devices

Part # AD7705
Description  3 V/5 V, 1 mW 2-/3-Channel 16-Bit, Sigma-Delta ADCs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7705 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD7705 Datasheet HTML 8Page - Analog Devices AD7705 Datasheet HTML 9Page - Analog Devices AD7705 Datasheet HTML 10Page - Analog Devices AD7705 Datasheet HTML 11Page - Analog Devices AD7705 Datasheet HTML 12Page - Analog Devices AD7705 Datasheet HTML 13Page - Analog Devices AD7705 Datasheet HTML 14Page - Analog Devices AD7705 Datasheet HTML 15Page - Analog Devices AD7705 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
AD7705/AD7706
–12–
REV. A
Setup Register (RS2, RS1, RS0 = 0, 0, 1); Power-On/Reset Status: 01 Hex
The Setup Register is an eight bit register from which data can either be read or to which data can be written. Table IX outlines the
bit designations for the Setup Register.
Table IX. Setup Register
MD1 (0)
MD0 (0)
G2 (0)
G1 (0)
G0 (0)
B/U (0)
BUF (0)
FSYNC (1)
MD1
MD0
Operating Mode
0
0
Normal Mode: this is the normal mode of operation of the device whereby the device is performing normal
conversions.
0
1
Self-Calibration: this activates self-calibration on the channel selected by CH1 and CH0 of the Communica-
tions Register. This is a one-step calibration sequence and when complete the part returns to Normal Mode
with MD1 and MD0 returning to 0, 0. The
DRDY output or bit goes high when calibration is initiated and
returns low when this self-calibration is complete and a new valid word is available in the data register. The
zero-scale calibration is performed at the selected gain on internally shorted (zeroed) inputs and the full-
scale calibration is performed at the selected gain on an internally-generated VREF/Selected Gain.
1
0
Zero-Scale System Calibration: this activates zero scale system calibration on the channel selected by CH1
and CH0 of the Communications Register. Calibration is performed at the selected gain on the input volt-
age provided at the analog input during this calibration sequence. This input voltage should remain stable
for the duration of the calibration. The
DRDY output or bit goes high when calibration is initiated and
returns low when this zero-scale calibration is complete and a new valid word is available in the data register.
At the end of the calibration, the part returns to Normal Mode with MD1 and MD0 returning to 0, 0.
1
1
Full-Scale System Calibration: this activates full-scale system calibration on the selected input channel.
Calibration is performed at the selected gain on the input voltage provided at the analog input during this
calibration sequence. This input voltage should remain stable for the duration of the calibration. Once
again, the
DRDY output or bit goes high when calibration is initiated and returns low when this full-scale
calibration is complete and a new valid word is available in the data register. At the end of the calibration,
the part returns to Normal Mode with MD1 and MD0 returning to 0, 0.
G2–G0
Gain Selection Bits. These bits select the gain setting for the on-chip PGA as outlined in Table X.
Table X. Gain Selection
G2
G1
G0
Gain Setting
000
1
001
2
010
4
011
8
100
16
101
32
110
64
111
128
B/U
Bipolar/Unipolar Operation. A “0” in this bit selects Bipolar Operation. A “1” in this bit selects Unipolar Operation.
BUF
Buffer Control. With this bit at “0,” the on-chip buffer on the analog input is shorted out. With the buffer shorted
out, the current flowing in the VDD line is reduced. When this bit is high, the on-chip buffer is in series with the
analog input allowing the input to handle higher source impedances.
FSYNC
Filter Synchronization. When this bit is high, the nodes of the digital filter, the filter control logic and the calibra-
tion control logic are held in a reset state and the analog modulator is also held in its reset state. When this bit
goes low, the modulator and filter start to process data and a valid word is available in 3
× 1/(output update rate),
i.e., the settling time of the filter. This FSYNC bit does not affect the digital interface and does not reset the
DRDY output if it is low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com