Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7705 Datasheet(PDF) 24 Page - Analog Devices

Part # AD7705
Description  3 V/5 V, 1 mW 2-/3-Channel 16-Bit, Sigma-Delta ADCs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7705 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD7705 Datasheet HTML 20Page - Analog Devices AD7705 Datasheet HTML 21Page - Analog Devices AD7705 Datasheet HTML 22Page - Analog Devices AD7705 Datasheet HTML 23Page - Analog Devices AD7705 Datasheet HTML 24Page - Analog Devices AD7705 Datasheet HTML 25Page - Analog Devices AD7705 Datasheet HTML 26Page - Analog Devices AD7705 Datasheet HTML 27Page - Analog Devices AD7705 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
AD7705/AD7706
–24–
REV. A
Figures 16 and 17 show timing diagrams for interfacing to the
AD7705/AD7706 with
CS used to decode the part. Figure 16 is
for a read operation from the AD7705/AD7706’s output shift
register while Figure 17 shows a write operation to the input
shift register. It is possible to read the same data twice from the
output register even though the
DRDY line returns high after
the first read operation. Care must be taken, however, to ensure
that the read operations have been completed before the next
output update is about to take place.
The AD7705/AD7706 serial interface can operate in three-wire
mode by tying the
CS input low. In this case, the SCLK, DIN
and DOUT lines are used to communicate with the AD7705/
AD7706 and the status of
DRDY can be obtained by interrogat-
ing the MSB of the Communications Register. This scheme is
suitable for interfacing to microcontrollers. If
CS is required as a
decoding signal, it can be generated from a port bit. For
microcontroller interfaces, it is recommended that the SCLK
idles high between data transfers.
The AD7705/AD7706 can also be operated with
CS used as a
frame synchronization signal. This scheme is suitable for DSP
interfaces. In this case, the first bit (MSB) is effectively clocked
out by
CS since CS would normally occur after the falling edge
of SCLK in DSPs. The SCLK can continue to run between
data transfers provided the timing numbers are obeyed.
DRDY
CS
t3
t4
t6
t7
t5
t10
t9
t8
SCLK
DOUT
MSB
LSB
Figure 16. Read Cycle Timing Diagram
CS
t11
t14
t15
t12
t16
SCLK
DIN
MSB
LSB
t13
Figure 17. Write Cycle Timing Diagram
The serial interface can be reset by exercising the
RESET input
on the part. It can also be reset by writing a series of 1s on the
DIN input. If a Logic 1 is written to the AD7705/AD7706 DIN
line for at least 32 serial clock cycles the serial interface is reset.
This ensures that in three-wire systems, if the interface gets lost
either via a software error or by some glitch in the system, it can
be reset back to a known state. This state returns the interface
to where the AD7705/AD7706 is expecting a write operation to
its Communications Register. This operation in itself does not
reset the contents of any registers but since the interface was
lost, the information written to any of the registers is unknown
and it is advisable to set up all registers again.
Some microprocessor or microcontroller serial interfaces have a
single serial data line. In this case, it is possible to connect the
AD7705/AD7706’s DATA OUT and DATA IN lines together
and connect them to the single data line of the processor. A
10 k
Ω pull-up resistor should be used on this single data line. In
this case, if the interface gets lost, because the read and write
operations share the same line the procedure to reset it back to a
known state is somewhat different than previously described. It
requires a read operation of 24 serial clocks followed by a write
operation where a Logic 1 is written for at least 32 serial clock
cycles to ensure that the serial interface is back into a known
state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com