Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7705 Datasheet(PDF) 31 Page - Analog Devices

Part # AD7705
Description  3 V/5 V, 1 mW 2-/3-Channel 16-Bit, Sigma-Delta ADCs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7705 Datasheet(HTML) 31 Page - Analog Devices

Back Button AD7705 Datasheet HTML 24Page - Analog Devices AD7705 Datasheet HTML 25Page - Analog Devices AD7705 Datasheet HTML 26Page - Analog Devices AD7705 Datasheet HTML 27Page - Analog Devices AD7705 Datasheet HTML 28Page - Analog Devices AD7705 Datasheet HTML 29Page - Analog Devices AD7705 Datasheet HTML 30Page - Analog Devices AD7705 Datasheet HTML 31Page - Analog Devices AD7705 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 31 / 32 page
background image
AD7705/AD7706
–31–
REV. A
Battery Monitoring
Another area where the low power, single supply operation is a
requirement is battery monitoring in portable equipment appli-
cations. Figure 26 shows a block diagram of a battery monitor
that includes the AD7705 and an external multiplexer used to
differentially measure the voltage across a single cell. The sec-
ond channel on the AD7705 is used to monitor current drain
from the battery. The AD7705 with its dual input channel is
ideally suited to measurement systems requiring two input chan-
nels, as in this case, to monitor voltage and current. Since the
AD7705 can accommodate very low input signals the RSENSE
VCELL 1
RSENSE
AIN1(+)
AIN1(–)
AIN2(+)
AIN2(–)
REF IN(–)
AD7705
VDD
REF IN(+)
1.225V
REF
VOLTAGE
REGULATORS
VCELL 2
VCELL 3
VCELL 4
VDIFF1
VDIFF2
VDIFF3
VDIFF4
DC BATTERY
CHARGING
SOURCE
LOAD
ON/OFF SWITCH
+5V
+3V
GND
4-TO-1
DIFFERENTIAL
MULTIPLEXER
Figure 26. Battery Monitoring Using the AD7705
can be kept low reducing undesired power dissipation. Operat-
ing with a gain of 128, a
±9.57 mV full-scale signal can be
measured with a resolution of 2
µV, giving 13.5 bits of flicker-
free performance in such a system. In order to obtain specified
performance in unbuffered mode, the common mode range of
the input is from GND to VDD provided that the absolute value
of the analog input voltage lies between GND – 30 mV and
VDD + 30 mV. Absolute voltages of GND – 200 mV can be
accommodated on the AD7705 at 25
°C without any degrada-
tion in performance, but leakage current increases significantly
at elevated temperatures.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com