Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7705 Datasheet(PDF) 29 Page - Analog Devices

Part # AD7705
Description  3 V/5 V, 1 mW 2-/3-Channel 16-Bit, Sigma-Delta ADCs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7705 Datasheet(HTML) 29 Page - Analog Devices

Back Button AD7705 Datasheet HTML 24Page - Analog Devices AD7705 Datasheet HTML 25Page - Analog Devices AD7705 Datasheet HTML 26Page - Analog Devices AD7705 Datasheet HTML 27Page - Analog Devices AD7705 Datasheet HTML 28Page - Analog Devices AD7705 Datasheet HTML 29Page - Analog Devices AD7705 Datasheet HTML 30Page - Analog Devices AD7705 Datasheet HTML 31Page - Analog Devices AD7705 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
AD7705/AD7706
–29–
REV. A
APPLICATIONS
The AD7705 provides a dual channel, low cost, high resolution
analog-to-digital function. Because the analog-to-digital func-
tion is provided by a sigma-delta architecture, it makes the part
more immune to noisy environments thus making the part ideal
for use in industrial and process control applications. It also
provides a programmable gain amplifier, a digital filter and
calibration options. Thus, it provides far more system level
functionality than off-the-shelf integrating ADCs without the
disadvantage of having to supply a high quality integrating ca-
pacitor. In addition, using the AD7705 in a system allows the
system designer to achieve a much higher level of resolution
because noise performance of the AD7705 is better than that of
the integrating ADCs.
The on-chip PGA allows the AD7705 to handle an analog input
voltage range as low as 10 mV full-scale with VREF = +1.25 V.
The differential inputs of the part allow this analog input range
to have an absolute value anywhere between GND and VDD
when the part is operated in unbuffered mode. It allows the user
to connect the transducer directly to the input of the AD7705.
The programmable gain front end on the AD7705 allows the
part to handle unipolar analog input ranges from 0 mV to
+20 mV to 0 V to +2.5 V and bipolar inputs of
±20 mV to
±2.5 V. Because the part operates from a single supply these
bipolar ranges are with respect to a biased-up differential input.
AD7705
VDD
+5V
AIN1(+)
AIN1(–)
EXCITATION VOLTAGE = +5V
OUT(–)
IN–
OUT(+)
IN+
AIN2(+)
AIN2(–)
24k
THERMOCOUPLE
JUNCTION
15k
REF IN(+)
REF IN(–)
GND
DOUT DIN
CS SCLK
MCLK IN
MCLK OUT
RESET
DRDY
Figure 22. Pressure Measurement Using the AD7705
Pressure Measurement
One typical application of the AD7705 is pressure measure-
ment. Figure 22 shows the AD7705 used with a pressure
transducer, the BP01 from Sensym. The pressure transducer
is arranged in a bridge network and gives a differential output
voltage between its OUT(+) and OUT(–) terminals. With rated
full-scale pressure (in this case 300 mmHg) on the transducer,
the differential output voltage is 3 mV/V of the input voltage
(i.e., the voltage between its IN(+) and IN(–) terminals).
Assuming a 5 V excitation voltage, the full-scale output range
from the transducer is 15 mV. The excitation voltage for the
bridge is also used to generate the reference voltage for the
AD7705. Therefore, variations in the excitation voltage do
not introduce errors in the system. Choosing resistor values
of 24 k
Ω and 15 kΩ, as per Figure 22, gives a 1.92 V reference
voltage for the AD7705 when the excitation voltage is 5 V.
Using the part with a programmed gain of 128 results in the
full-scale input span of the AD7705 being 15 mV, which corre-
sponds with the output span from the transducer. The second
channel on the AD7705 can be used as an auxiliary channel to
measure a secondary variable such as temperature as shown in
Figure 22. This secondary channel can be used as a means of
adjusting the output of the primary channel, thus removing
temperature effects in the system.
AD7705
VDD
+5V
AIN1(+)
AIN1(–)
THERMOCOUPLE
JUNCTION
REF IN(+)
REF IN(–)
GND
MCLK IN
MCLK OUT
RESET
DRDY
REF192
GND
OUTPUT
DOUT DIN
CS
SCLK
+5V
Figure 23. Temperature Measurement Using the AD7705
Temperature Measurement
Another application area for the AD7705 is in temperature
measurement. Figure 23 outlines a connection from a thermo-
couple to the AD7705. In this application, the AD7705 is oper-
ated in its buffered mode to allow large decoupling capacitors
on the front end to eliminate any noise pickup that may have
been in the thermocouple leads. When the AD7705 is operated
in buffered mode, it has a reduced common-mode range. In
order to place the differential voltage from the thermocouple on
a suitable common-mode voltage, the AIN1(–) input of the
AD7705 is biased up at the reference voltage, +2.5 V.
Figure 23 shows another temperature measurement application
for the AD7705. In this case, the transducer is an RTD (Re-
sistive Temperature Device), a PT100. The arrangement is a
4-lead RTD configuration. There are voltage drops across the
lead resistances RL1 and RL4 but these simply shift the common-
mode voltage. There is no voltage drop across lead resistances
RL2 and RL3 as the input current to the AD7705 is very low.
The lead resistances present a small source impedance so it
would not generally be necessary to turn on the buffer on the
AD7705. If the buffer is required, the common-mode voltage
should be set accordingly by inserting a small resistance be-
tween the bottom end of the RTD and GND of the AD7705.
In the application shown, an external 400
µA current source
provides the excitation current for the PT100 and also generates
the reference voltage for the AD7705 via the 6.25 k
Ω resistor.
Variations in the excitation current do not affect the circuit as
both the input voltage and the reference voltage vary radiometri-
cally with the excitation current. However, the 6.25 k
Ω resistor
must have a low temperature coefficient to avoid errors in the
reference voltage over temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com