Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT45DB081D Datasheet(PDF) 1 Page - Analog Devices

Part # AT45DB081D
Description  8-megabit 2.5V or 2.7V DataFlash
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AT45DB081D Datasheet(HTML) 1 Page - Analog Devices

  AT45DB081D_13 Datasheet HTML 1Page - Analog Devices AT45DB081D_13 Datasheet HTML 2Page - Analog Devices AT45DB081D_13 Datasheet HTML 3Page - Analog Devices AT45DB081D_13 Datasheet HTML 4Page - Analog Devices AT45DB081D_13 Datasheet HTML 5Page - Analog Devices AT45DB081D_13 Datasheet HTML 6Page - Analog Devices AT45DB081D_13 Datasheet HTML 7Page - Analog Devices AT45DB081D_13 Datasheet HTML 8Page - Analog Devices AT45DB081D_13 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 53 page
background image
Features
• Single 2.5V or 2.7V to 3.6V Supply
• RapidS Serial Interface: 66MHz Maximum Clock Frequency
– SPI Compatible Modes 0 and 3
• User Configurable Page Size
– 256-Bytes per Page
– 264-Bytes per Page
– Page Size Can Be Factory Pre-configured for 256-Bytes
• Page Program Operation
– Intelligent Programming Operation
– 4,096 Pages (256/264-Bytes/Page) Main Memory
• Flexible Erase Options
– Page Erase (256-Bytes)
– Block Erase (2-Kbytes)
– Sector Erase (64-Kbytes)
– Chip Erase (8Mbits)
• Two SRAM Data Buffers (256-/264-Bytes)
– Allows Receiving of Data while Reprogramming the Flash Array
• Continuous Read Capability through Entire Array
– Ideal for Code Shadowing Applications
• Low-power Dissipation
– 7mA Active Read Current Typical
–25μA Standby Current Typical
–15μA Deep Power Down Typical
• Hardware and Software Data Protection Features
– Individual Sector
• Sector Lockdown for Secure Code and Data Storage
– Individual Sector
• Security: 128-byte Security Register
– 64-byte User Programmable Space
– Unique 64-byte Device Identifier
• JEDEC Standard Manufacturer and Device ID Read
• 100,000 Program/Erase Cycles Per Page Minimum
• Data Retention – 20 Years
• Industrial Temperature Range
• Green (Pb/Halide-free/RoHS Compliant) Packaging Options
1. Description
The Adesto® AT45DB081D is a 2.5V or 2.7V, serial-interface Flash memory
ideally suited for a wide variety of digital voice-, image-, program code- and data-stor-
age applications. The AT45DB081D supports RapidS™ serial interface for
applications requiring very high speed operations. RapidS serial interface is SPI com-
patible for frequencies up to 66MHz. Its 8,650,752-bits of memory are organized as
4,096 pages of 256-bytes or 264-bytes each. In addition to the main memory, the
AT45DB081D also contains two SRAM buffers of 256-/264-bytes each. The buffers
allow the receiving of data while a page in the main Memory is being reprogrammed,
as well as writing a continuous data stream. EEPROM emulation (bit or byte alterabil-
ity) is easily handled with a self-contained three step read-modify-write operation.
Unlike conventional Flash memories that are accessed randomly with multiple
8-megabit
2.5V or 2.7V
DataFlash
AT45DB081D
3596O–DFLASH–1/2013


Similar Part No. - AT45DB081D_13

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT45DB081D-MU ATMEL-AT45DB081D-MU Datasheet
1Mb / 53P
8-megabit 2.5-volt or 2.7-volt DataFlash
AT45DB081D-MU ATMEL-AT45DB081D-MU Datasheet
1Mb / 53P
8-megabit 2.5-volt or 2.7-volt DataFlash
AT45DB081D-MU ATMEL-AT45DB081D-MU Datasheet
1Mb / 54P
8-megabit 2.5-volt or 2.7-volt DataFlash
AT45DB081D-MU-2.5 ATMEL-AT45DB081D-MU-2.5 Datasheet
1Mb / 53P
8-megabit 2.5-volt or 2.7-volt DataFlash
AT45DB081D-MU-2.5 ATMEL-AT45DB081D-MU-2.5 Datasheet
1Mb / 53P
8-megabit 2.5-volt or 2.7-volt DataFlash
More results

Similar Description - AT45DB081D_13

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT45DB081B ATMEL-AT45DB081B_05 Datasheet
530Kb / 33P
8-megabit 2.5-volt Only or 2.7-volt Only DataFlash
AT45DB081D ATMEL-AT45DB081D_07 Datasheet
1Mb / 53P
8-megabit 2.5-volt or 2.7-volt DataFlash
AT45DB081D ATMEL-AT45DB081D_08 Datasheet
1Mb / 53P
8-megabit 2.5-volt or 2.7-volt DataFlash
AT45DB081D ATMEL-AT45DB081D_09 Datasheet
1Mb / 54P
8-megabit 2.5-volt or 2.7-volt DataFlash
logo
Analog Devices
AT45DB321D AD-AT45DB321D_12 Datasheet
2Mb / 51P
32Mb, 2.5V or 2.7V DataFlash
logo
List of Unclassifed Man...
AT45DB021D ETC2-AT45DB021D_13 Datasheet
1Mb / 48P
2-megabit 2.7V Minimum DataFlash
AT45DB161D ETC2-AT45DB161D_13 Datasheet
2Mb / 51P
16-megabit 2.5V or 2.7V DataFlash
AT45DB321D ETC2-AT45DB321D Datasheet
2Mb / 52P
32Mb, 2.5V or 2.7V DataFlash
AT45DB321D ETC2-AT45DB321D_13 Datasheet
2Mb / 52P
32Mb, 2.5V or 2.7V DataFlash
AT45DB642D ETC2-AT45DB642D_14 Datasheet
1Mb / 57P
64-megabit 2.7V Dual-interface DataFlash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com