Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT45DB081D Datasheet(PDF) 23 Page - Analog Devices

Part # AT45DB081D
Description  8-megabit 2.5V or 2.7V DataFlash
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AT45DB081D Datasheet(HTML) 23 Page - Analog Devices

Back Button AT45DB081D_13 Datasheet HTML 19Page - Analog Devices AT45DB081D_13 Datasheet HTML 20Page - Analog Devices AT45DB081D_13 Datasheet HTML 21Page - Analog Devices AT45DB081D_13 Datasheet HTML 22Page - Analog Devices AT45DB081D_13 Datasheet HTML 23Page - Analog Devices AT45DB081D_13 Datasheet HTML 24Page - Analog Devices AT45DB081D_13 Datasheet HTML 25Page - Analog Devices AT45DB081D_13 Datasheet HTML 26Page - Analog Devices AT45DB081D_13 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 53 page
background image
23
3596O–DFLASH–1/2013
AT45DB081D
12.1 Resume from Deep Power-down
The Resume from Deep Power-down command takes the device out of the Deep Power-down
mode and returns it to the normal standby mode. To Resume from Deep Power-down mode, the
CS pin must first be asserted and an opcode of ABH command must be clocked in via input pin
(SI). After the last bit of the command has been clocked in, the CS pin must be de-asserted to
terminate the Deep Power-down mode. After the CS pin is de-asserted, the device will return to
the normal standby mode within the maximum tRDPD time. The CS pin must remain high during
the tRDPD time before the device can receive any commands. After resuming form Deep Power-
down, the device will return to the normal standby mode.
Table 12-2.
Resume from Deep Power-down
Figure 12-2. Resume from Deep Power-Down
13. “Power of 2” Binary Page Size Option
“Power of 2” binary page size Configuration Register is a user-programmable nonvolatile regis-
ter that allows the page size of the main memory to be configured for binary page size (256-
bytes) or DataFlash standard page size (264-bytes). The “power of 2” page size is a one-time
programmable configuration register and once the device is configured for “power of 2”
page size, it cannot be reconfigured again. The devices are initially shipped with the page
size set to 264-bytes. The user has the option of ordering binary page size (256-bytes) devices
from the factory. For details, please refer to Section 26. ”Ordering Information” on page 47.
For the binary “power of 2” page size to become effective, the following steps must be followed:
1. Program the one-time programmable configuration resister using opcode sequence
3DH, 2AH, 80H and A6H (please see Section 13.1).
2. Power cycle the device (i.e. power down and power up again).
3. User can now program the page for the binary page size.
If the above steps are not followed in setting the the page size prior to page programming, user
may expect incorrect data during a read operation.
The address format will be changed after the device is configured for “power of 2” page size.
See Section 21.7 ”Command Sequence for Read/Write Operations for Page Size 256-Bytes
(Except Status Register Read, Manufacturer and Device ID Read)” on page 38.
Command
Opcode
Resume from Deep Power-down
ABH
Opcode
CS
Each transition
represents 8 bits
SI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com