Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT45DB081D Datasheet(PDF) 18 Page - Analog Devices

Part # AT45DB081D
Description  8-megabit 2.5V or 2.7V DataFlash
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AT45DB081D Datasheet(HTML) 18 Page - Analog Devices

Back Button AT45DB081D_13 Datasheet HTML 14Page - Analog Devices AT45DB081D_13 Datasheet HTML 15Page - Analog Devices AT45DB081D_13 Datasheet HTML 16Page - Analog Devices AT45DB081D_13 Datasheet HTML 17Page - Analog Devices AT45DB081D_13 Datasheet HTML 18Page - Analog Devices AT45DB081D_13 Datasheet HTML 19Page - Analog Devices AT45DB081D_13 Datasheet HTML 20Page - Analog Devices AT45DB081D_13 Datasheet HTML 21Page - Analog Devices AT45DB081D_13 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 53 page
background image
18
3596O–DFLASH–1/2013
AT45DB081D
10.1.1
Sector Lockdown Register
Sector Lockdown Register is a nonvolatile register that contains 16-bytes of data, as shown
below:
Table 10-2.
Sector Lockdown Register
10.1.2
Reading the Sector Lockdown Register
The Sector Lockdown Register can be read to determine which sectors in the memory array are
permanently locked down. To read the Sector Lockdown Register, the CS pin must first be
asserted. Once the CS pin has been asserted, an opcode of 35H and three dummy bytes must
be clocked into the device via the SI pin. After the last bit of the opcode and dummy bytes have
been clocked in, the data for the contents of the Sector Lockdown Register will be clocked out
on the SO pin. The first byte corresponds to sector 0 (0a, 0b) the second byte corresponds to
sector one and the las byte (byte 16) corresponds to sector 15. After the last byte of the Sector
Lockdown Register has been read, additional pulses on the SCK pin will simply result in unde-
fined data being output on the SO pin.
Deasserting the CS pin will terminate the Read Sector Lockdown Register operation and put the
SO pin into a high-impedance state.
Table 10-4 details the values read from the Sector Lockdown Register.
Figure 10-2. Read Sector Lockdown Register
Sector Number
0 (0a, 0b)
1 to 15
Locked
See Below
FFH
Unlocked
00H
Table 10-3.
Sector 0 (0a, 0b)
0a
0b
Bit 3, 2
Data
Value
(Page 0-7)
(Page 8-255)
Bit 7, 6
Bit 5, 4
Bit 1, 0
Sectors 0a, 0b Unlocked
00
00
00
00
00H
Sector 0a Locked (Page 0-7)
11
00
00
00
C0H
Sector 0b Locked (Page 8-255)
00
11
00
00
30H
Sectors 0a, 0b Locked (Page 0-255)
11
11
00
00
F0H
Table 10-4.
Sector Lockdown Register
Command
Byte 1
Byte 2
Byte 3
Byte 4
Read Sector Lockdown Register
35H
xxH
xxH
xxH
Note:
xx = Dummy Byte
Opcode
X
X
X
Data Byte
n
Data Byte
n + 1
CS
Data Byte
n + 15
SI
SO
Each transition
represents 8 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com